Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0897 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 15Page - STMicroelectronics TN0897 Datasheet HTML 16Page - STMicroelectronics TN0897 Datasheet HTML 17Page - STMicroelectronics TN0897 Datasheet HTML 18Page - STMicroelectronics TN0897 Datasheet HTML 19Page - STMicroelectronics TN0897 Datasheet HTML 20Page - STMicroelectronics TN0897 Datasheet HTML 21Page - STMicroelectronics TN0897 Datasheet HTML 22Page - STMicroelectronics TN0897 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TN0897
Read operation
Doc ID 023176 Rev 2
19/28
5
Read operation
The Read operation starts with a Command Byte followed by 1, 2, or 3 data bytes. The
number of data bytes is specified in the <SPI-frame-ID>. The content of the data bytes is
‘don’t care’. The content of the addressed register is shifted out at SDO within the same
frame (‘in-frame response’).
5.1
Read command format
Figure 8.
Read command format
A0 to A5: address bits
Command byte
MSB
LSB
Op Code
Address
0
1
A5
A4
A3
A2
A1
A0
Data byte 1
MSB
LSB
0
0000
00
0
Data byte 2(1)
1.
Only for 24-bit SPI frame width.
MSB
LSB
0
0000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com