Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0897 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 7Page - STMicroelectronics TN0897 Datasheet HTML 8Page - STMicroelectronics TN0897 Datasheet HTML 9Page - STMicroelectronics TN0897 Datasheet HTML 10Page - STMicroelectronics TN0897 Datasheet HTML 11Page - STMicroelectronics TN0897 Datasheet HTML 12Page - STMicroelectronics TN0897 Datasheet HTML 13Page - STMicroelectronics TN0897 Datasheet HTML 14Page - STMicroelectronics TN0897 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TN0897
SPI communication flow
Doc ID 023176 Rev 2
11/28
Example 4
For 16-bit frames
Command Byte: 1111 1110
Data Byte: 0000 0000
Read register at ROM address 3EH (i. e. <SPI-frame-ID>)
2.3
Global status register
Table 3.
Global Status Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Global Error
Flag (GEF)
Comm Error
Not (Chip Reset
OR Comm Error)
TSD / chip
overload
Tframe / Temp
prewarning
Device
specific
Device
specific
Fail
Safe
Table 4.
Definition of Global Status bits
Bit
Description
Optional
feature
Polarity
Comment
0
Fail Safe
X
Active high
Indicates that the device is in Fail Safe Mode (1).
The bit is defined as ‘0’ if no fail-safe functionality is
present in the device
1.
Fail-safe Mode is an operating mode where the device enters a safe state. The precise definition is device
specific and is defined in the product datasheet.
1
Device specific
X
Active high See product datasheet(2)
2.
See Appendix A: Reference documents.
2
Device specific
X
Active high See product datasheet(2)
3
Temp pre-warning
X
Active high
The bit is defined as ‘0’ if feature is not present.
See product datasheet
4
Thermal
Shutdown / Chip
Overload
X
Active high
The bit is defined as ‘0’ if feature is not present.
See product datasheet
5
Not (Chip Reset
OR
Communication
Error)
Active low
Chip Reset: registers have been set to default
Communication Error: see bit 6
The bit is cleared automatically after a valid
communication with any register
After Power-On the bit is ‘0’ and is set to ‘1’ by a
valid SPI communication
6
Communication
Error
Active high
Bit is set if the number of clock cycles during
CSN = low does not match with the specified frame
width or if any other device specific communication
error occurs.
See product datasheet(2)
7
Global Error Flag
(GEF)
Active high
Logic OR combination of all failures in the <Global
Status register> and additional device specific
failures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com