Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0897 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 20Page - STMicroelectronics TN0897 Datasheet HTML 21Page - STMicroelectronics TN0897 Datasheet HTML 22Page - STMicroelectronics TN0897 Datasheet HTML 23Page - STMicroelectronics TN0897 Datasheet HTML 24Page - STMicroelectronics TN0897 Datasheet HTML 25Page - STMicroelectronics TN0897 Datasheet HTML 26Page - STMicroelectronics TN0897 Datasheet HTML 27Page - STMicroelectronics TN0897 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Read device information
TN0897
24/28
Doc ID 023176 Rev 2
7.2
Silicon version
The <Silicon Version> provides information about the silicon version according to the
following table:
7.3
Product code
<Product Code 1> and <Product Code 2> represent a unique set of codes to identify the
product. The code is specified in the datasheet (see Appendix B: Product code).
7.4
SPI-Frame-ID
The <SPI-frame-ID> provides information about the register width (1, 2, 3 bytes) and the
availability of additional features like <Burst Mode Read> and <watchdog>.
BR: Burst-Mode Read (1 = Burst-Mode Read is supported)
WD: Watchdog (1 = available, 0 = not available)
Frame width: width of SPI frame (see Table 16)
Table 13.
Silicon version
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Silicon Version
Table 14.
Silicon version coding
Bit3
Bit 2
Bit 1
Bit 0
Silicon version
0
0
0
0
First silicon
0
001
V2
Table 15.
SPI-frame-ID
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BR
WD
X
X
X
Frame width
Table 16.
Frame width
Bit 2
Bit 1
Bit 0
Frame width
Command
Data
0
0
1
16 bit
8 bit
8 bit
0
1
0
24 bit
8 bit
16 bit
1
0
0
32 bit
8 bit
24 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com