Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2269 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 2Page - STMicroelectronics AN2269 Datasheet HTML 3Page - STMicroelectronics AN2269 Datasheet HTML 4Page - STMicroelectronics AN2269 Datasheet HTML 5Page - STMicroelectronics AN2269 Datasheet HTML 6Page - STMicroelectronics AN2269 Datasheet HTML 7Page - STMicroelectronics AN2269 Datasheet HTML 8Page - STMicroelectronics AN2269 Datasheet HTML 9Page - STMicroelectronics AN2269 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Card Clock
AN2269 - Application Note
6/25
2
Card Clock
The card clock signal (CLK) is present on the CLK pin when the ST8024 is activated; it is
linked with the internal En4 signal (see
Figure 1 on page 1) and its frequency is obtained
according to the settings in
Table 1.
According to the ISO/IEC7816 specifications, the CLK duty cycle must be guaranteed
between 45% and 55%, even when the status of CLOCKDIV1 or CLOCKDIV2 changes.
Figure 4 shows how the ST8024 ensures duty cycle accuracy by waiting for completion of a
whole clock cycle before changing the frequency (CLKDIV1 change, rising edge of CH2).
The output Duty Cycle is 50%±5%, even if the Clock Division changes.
The card clock signal (CLK) can be obtained by connecting a crystal (“XTAL”) between the
XTAL1 and XTAL2 pins, or by an external signal applied to the XTAL1 pin. In this case the
XTAL2 pin must be left floating. The external signal voltage level must be limited between
GND and VDD voltage.
Figure 4.
CLKDIV Change Clock Duty Cycle
Legend:
1.
CH1 = Output CLK Waveform
2.
CH2 = CLKDIV1 Pin
3.
Conditions: VDD = 3.3V; VDDP = 5V; 5/3V = H
4.
Mode: ACTIVE
5.
fXTAL = 10MHz; CLKDIV2 = 0V
Table 1.
CLK Division Factor
CLKDIV1
CLKDIV2
fclk
0
0
1/8 fXtal
01
1/4 fXtalL
1
1
1/2 fXtal
10
fXtal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com