Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2269 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 14Page - STMicroelectronics AN2269 Datasheet HTML 15Page - STMicroelectronics AN2269 Datasheet HTML 16Page - STMicroelectronics AN2269 Datasheet HTML 17Page - STMicroelectronics AN2269 Datasheet HTML 18Page - STMicroelectronics AN2269 Datasheet HTML 19Page - STMicroelectronics AN2269 Datasheet HTML 20Page - STMicroelectronics AN2269 Datasheet HTML 21Page - STMicroelectronics AN2269 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ST8024 Application Hardware Guidelines
AN2269 - Application Note
18/25
4.1
Power Supply Optimization
The ST8024 can drive both 3V and 5V cards by the supply voltage selector pin 5/3V (pin 3)
as shown in
Figure 1 on page 1. If the 5/3V pin is connected to GND, the VCC voltage is 3V,
and if the 5/3V is connected to VDD, the VCC voltage is 5V.
A step-up converter supplied by VDDP is used for the VCC voltage generation. It doubles the
input voltage VDDP or follows it, depending on the 5/3V and VDDP values:
●
5/3V=H and VDDP > 5.8 V; voltage follower
●
5/3V=H and VDDP < 5.7 V; voltage doubler
●
5/3V=L and VDDP > 4.1 V; voltage follower
●
5/3V=L and VDDP < 4.0 V; voltage doubler
The S1 and S2 pins are used for duplicating the supply voltage VDDP by using the 100nF
pumping capacitor (C4). The charge pump output pin (VUP) has to be connected to a 100nF
storage capacitor (C5) to stabilize the voltage.
Figure 16.
Step-up Converter Block Diagram
ON/OFF
PGND
100nF
100nF
S1
S2
7
7
1
L
65
100nF
VUP
VCC
VCC
Regulator
PVCC
EN2
ST8024
OUTPUT
Step-up
Mode
Selector
AI11894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com