Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2269 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 15Page - STMicroelectronics AN2269 Datasheet HTML 16Page - STMicroelectronics AN2269 Datasheet HTML 17Page - STMicroelectronics AN2269 Datasheet HTML 18Page - STMicroelectronics AN2269 Datasheet HTML 19Page - STMicroelectronics AN2269 Datasheet HTML 20Page - STMicroelectronics AN2269 Datasheet HTML 21Page - STMicroelectronics AN2269 Datasheet HTML 22Page - STMicroelectronics AN2269 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AN2269 - Application Note
ST8024 Application Hardware Guidelines
19/25
A small amount of noise is introduced into the design because of the switching circuitry. In
order to reduce it and improve the efficiency of the step-up converter, the capacitors must be
connected as closely as possible to the pins (see
Figure 17). An Equivalent Series
Resistance (ESR) of lower than 100m
Ω at 100kHz is recommended.
The evaluation board is equipped with MURATA GRM31M7U1H104JA01B capacitors.
However, other capacitors with an ESR of up to 100m
Ω at 100kHz are good enough to work
within the specifications. They just may be more sensitive to the layout optimization process.
Figure 17.
ST8024 Application PCB Storage and Pumping Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com