Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2269 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 4Page - STMicroelectronics AN2269 Datasheet HTML 5Page - STMicroelectronics AN2269 Datasheet HTML 6Page - STMicroelectronics AN2269 Datasheet HTML 7Page - STMicroelectronics AN2269 Datasheet HTML 8Page - STMicroelectronics AN2269 Datasheet HTML 9Page - STMicroelectronics AN2269 Datasheet HTML 10Page - STMicroelectronics AN2269 Datasheet HTML 11Page - STMicroelectronics AN2269 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Emergency Deactivation/Fault Detection
AN2269 - Application Note
8/25
Figure 5.
ST8024 Automatic Deactivation Sequence
Note:
Deactivation: VTH2 ≈ 2.393V.
Activation: As VDD ≥ VTH2 + VHYS2 (≈ 2.498V) AND CMDVcc goes low, VCC goes high.
Legend:
1.
CH1 = CMDVcc
2.
CH2 = VCC
3.
CH3 = OFF
4.
CH4 = VDD
5.
Conditions: VDD = 3.3V; VDDP = 5V; 5/3V = H
6.
Mode: ACTIVE
7.
fXTAL = 10MHz; CLKDIV2 = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com