Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2269 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2269 Datasheet HTML 1Page - STMicroelectronics AN2269 Datasheet HTML 2Page - STMicroelectronics AN2269 Datasheet HTML 3Page - STMicroelectronics AN2269 Datasheet HTML 4Page - STMicroelectronics AN2269 Datasheet HTML 5Page - STMicroelectronics AN2269 Datasheet HTML 6Page - STMicroelectronics AN2269 Datasheet HTML 7Page - STMicroelectronics AN2269 Datasheet HTML 8Page - STMicroelectronics AN2269 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
February 2006
Rev 1
1/25
AN2269
Application Note
Using the ST8024 Smartcard Interface
Introduction
This application note provides information and suggestions for the optimal use and
performance of the ST8024 Smartcard Interface, including PCB layout, external component
placement, and connections (see
ST8024 Application Hardware Guidelines on page 16).
The ST8024 is a smart card interface designed to minimize microprocessor hardware and
software complexity in all applications that require a smart card (e.g., Set Top Box,
Electronic Payment, Pay TV, and Identification cards). It was developed in accordance with
New Digital Systems (NDS) conditional access requirements, and implements all of the
blocks and procedures for card activation/deactivation and checking (see
Figure 1).
Figure 1.
ST8024 Internal Block Diagram
21
6
7
5
4
8
17
14
16
15
10
9
13
12
11
PGND
VUP
VCC
CGND
RST
CLK
PRES
AUX1
Alarm
En1
En2
En3
En5
En4
En4
CLKUP
CLK
VREF
PVCC
AUX2
I/O
18
23
20
19
3
1
2
24
25
27
28
26
VDD
VDDP
S1
S2
PORADJ
RSTIN
CLKDIV1
Internal
Reference
Internal
Oscillator 2.5MHz
Voltage
Supervisor
Clock
Circuitry
Oscillator
Sequencer
Thermal
Protection
VCC
Generator
RST
Buffer
Clock
Buffer
I/O Transceiver
I/O Transceiver
I/O Transceiver
Supply
Step-up
Converter
ST8024
CLKDIV2
XTAL1
XTAL2
AUX1UC
AUX2UC
I/O UC
AI11884
22
GND
PRES
OFF
CMDVCC
5V/3V
www.st.com


Similar Part No. - AN2269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2260 STMICROELECTRONICS-AN2260 Datasheet
86Kb / 10P
STR73x SystemMemory Boot Mode
31-Oct-2005
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
Freescale Semiconductor, Inc.
logo
STMicroelectronics
AN2266 STMICROELECTRONICS-AN2266 Datasheet
247Kb / 16P
SLIC based system protection for European and Asian markets
25-Mar-2014
AN2267 STMICROELECTRONICS-AN2267 Datasheet
351Kb / 19P
Implementation of current regulator for BLDC motor control with ST7FMC
03-Jan-2006
More results

Similar Description - AN2269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
ON Semiconductor
NCN6001_0610 ONSEMI-NCN6001_0610 Datasheet
475Kb / 4P
Smartcard Interface ICs
Rev.1, Oct-2006
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
Smartcard interface
31-Jan-2007
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
Smartcard interface
03-Jun-2008
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
ST8024LCDR STMICROELECTRONICS-ST8024LCDR Datasheet
715Kb / 35P
Smartcard interface
04-May-2012
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
Smartcard interface with the STM8S microcontroller
19-Aug-2008
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
24-pin smartcard interface demonstration board based on the ST8034HN
01-Aug-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com