Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2269 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 16Page - STMicroelectronics AN2269 Datasheet HTML 17Page - STMicroelectronics AN2269 Datasheet HTML 18Page - STMicroelectronics AN2269 Datasheet HTML 19Page - STMicroelectronics AN2269 Datasheet HTML 20Page - STMicroelectronics AN2269 Datasheet HTML 21Page - STMicroelectronics AN2269 Datasheet HTML 22Page - STMicroelectronics AN2269 Datasheet HTML 23Page - STMicroelectronics AN2269 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ST8024 Application Hardware Guidelines
AN2269 - Application Note
20/25
4.2
Clock Section Optimization
Recommendations for the PCB design clock area include:
●
The XTAL should be connected as closely as possible to the XTAL pins to reduce signal
reflections, especially for high frequency applications (see
Figure 18).
●
Two compensation capacitors (C9 and C10), each of 15pF (typ) are suggested to
improve the oscillator start-up performances. Even without those additional capacitors
the CLK Duty Cycle is guaranteed between 45% and 55% (according to the NDS
specifications), with frequencies up to 26MHz.
Figure 18.
ST8024 Application PCB Crystal (XTAL) Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com