Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 2Page - STMicroelectronics AN2747 Datasheet HTML 3Page - STMicroelectronics AN2747 Datasheet HTML 4Page - STMicroelectronics AN2747 Datasheet HTML 5Page - STMicroelectronics AN2747 Datasheet HTML 6Page - STMicroelectronics AN2747 Datasheet HTML 7Page - STMicroelectronics AN2747 Datasheet HTML 8Page - STMicroelectronics AN2747 Datasheet HTML 9Page - STMicroelectronics AN2747 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Lamp description
AN2747
6/44
Referring to Figure 3 we can see that HID lamps have higher luminous efficacy, but some
negative aspects must be considered.
When comparing HID and fluorescent lamps, two important issues should be considered: a
greater starting voltage and the presence of acoustic resonance.
To solve the issue of higher HID ignition voltage, a sort of starting aid, called igniters, are
used to ignite the lamp.
The problem of acoustic resonance is more complex. Acoustic resonance is characteristic of
HID lamps operating at frequencies greater than 1 kHz and appears when lamp power
fluctuation exceeds a threshold value.
The current/voltage lamp waveforms and the operating frequency cannot be chosen freely,
but they are dependent on lamp type, condition and temperature. A wrong choice of
frequency and/or waveform can have a very negative effect on lamp performance and/or
lifetime and sometimes the discharge tube may be mechanically damaged.
As shown in Figure 4 and 5 for different lamps the free bands are completely different.
●
For HID lamps the solution proposed to avoid acoustic resonance uses the same
principle. The designer must avoid a combination of power fluctuation and operating
frequency . Another parameter that must be taken into account is flickering. For this
reason, the frequency used in the application is higher than 100 Hz and below 1 kHz.
For sinusoidal waveforms the instant lamp power is variable and it has twice the frequency
of the voltage and current frequency. In Figure 6 a diagram of instantaneous power for
different waveforms is shown.
Figure 4.
HID lamps operation frequency:
high pressure sodium lamps -
acoustic resonance duty frequency
map
Figure 5.
HID lamps operation frequency:
metal halide lamps - acoustic
resonance duty frequency map
Stable
Unstable
Frequency
~1MHz
~1kHz
Stable
Unstable
Frequency
~1MHz
~1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com