Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 29Page - STMicroelectronics AN2747 Datasheet HTML 30Page - STMicroelectronics AN2747 Datasheet HTML 31Page - STMicroelectronics AN2747 Datasheet HTML 32Page - STMicroelectronics AN2747 Datasheet HTML 33Page - STMicroelectronics AN2747 Datasheet HTML 34Page - STMicroelectronics AN2747 Datasheet HTML 35Page - STMicroelectronics AN2747 Datasheet HTML 36Page - STMicroelectronics AN2747 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AN2747
Full bridge design criteria
33/44
Equation 10
where Rlamp can be obtained by the relation (in the hypothesis of linear value):
Equation 11
Substituting this relation in the previous relation it is possible to obtain Vlamp.The relation to
calculate the output capacitor is:
Equation 12
●
∆I= inductor current ripple = 2 A
In this case we have:
●
Ilamp =2.5 A
●
∆Ilamp = ± 5% Ilamp = ± 125 mA = 250 mA
●
Rlamp = 40 Ω
●
∆Vlamp = 10V
●
C= 625 nF. A capacitor of 680 nF 400 V was selected.
12.2
Igniter
For the design of the igniter the maximum ignition voltage must be considered. This ignition
voltage is obtained by charging a capacitor (100 nF) using a resistor. When the voltage
exceeds the gas spark gap threshold (235 V) capacitor is discharged in the primary winding
of the high voltage transformer. This voltage is transferred at the secondary winding and a
high voltage pulse is obtained, see Figure 32.
Figure 32.
Igniter circuit
V
lamp
∆
R
lamp
I
lamp
∆
⋅
=
R
lamp
V
2
lamp
P
lamp
------------------
=
C
I
∆
8f
s
V
lamp
∆
⋅⋅
-----------------------------------
=
V > 235V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com