Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 25Page - STMicroelectronics AN2747 Datasheet HTML 26Page - STMicroelectronics AN2747 Datasheet HTML 27Page - STMicroelectronics AN2747 Datasheet HTML 28Page - STMicroelectronics AN2747 Datasheet HTML 29Page - STMicroelectronics AN2747 Datasheet HTML 30Page - STMicroelectronics AN2747 Datasheet HTML 31Page - STMicroelectronics AN2747 Datasheet HTML 32Page - STMicroelectronics AN2747 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AN2747
LM119 high-speed dual comparators
29/44
8
LM119 high-speed dual comparators
These products are precision high-speed dual comparators designed to operate over a wide
range of supply voltages down to a single 5 V logic supply and ground and have low input
currents and high gains.
Although designed primarily for applications requiring operation from digital logic supplies,
the comparators are fully specified for power supplies up to ±15 V.
Figure 29.
LM119 pinout
The main characteristics of this device are:
●
two independent comparators
●
supply voltage: +5 V to ±15 V
●
typically 80 ns response time at ±15 V
●
minimum fan-out of 2 on each side
●
maximum input current of 1 µA over operating temperature range
●
inputs and outputs can be isolated from system ground
●
high common-mode slew rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com