Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 21Page - STMicroelectronics AN2747 Datasheet HTML 22Page - STMicroelectronics AN2747 Datasheet HTML 23Page - STMicroelectronics AN2747 Datasheet HTML 24Page - STMicroelectronics AN2747 Datasheet HTML 25Page - STMicroelectronics AN2747 Datasheet HTML 26Page - STMicroelectronics AN2747 Datasheet HTML 27Page - STMicroelectronics AN2747 Datasheet HTML 28Page - STMicroelectronics AN2747 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AN2747
ST7LITE39 microcontroller
25/44
Figure 24.
Constant current control
Figure 25.
Rsense circuit
●
Pin 15-16: PA3-PA2 output PWM1 and PWM0. These signals are connected to two flip-
flops realized using U1 and U2. These flip-flops are used to obtain the drive signal for
the high side switches, see Figure 25. The set signal is obtained by PWM rising edge,
directly from the signal PWM1 and PWM0. This signal is generated at 40 kHz fixed
frequency. The reset signal is obtained by the output comparator U3. In this way it is
possible to generate a PWM signal for drivers with fixed frequency and controlled duty
cycle. Since the system works in continuous conduction mode to avoid instability in the
current control circuit, the maximum duty cycle is limited at 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com