Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2747 Datasheet HTML 1Page - STMicroelectronics AN2747 Datasheet HTML 2Page - STMicroelectronics AN2747 Datasheet HTML 3Page - STMicroelectronics AN2747 Datasheet HTML 4Page - STMicroelectronics AN2747 Datasheet HTML 5Page - STMicroelectronics AN2747 Datasheet HTML 6Page - STMicroelectronics AN2747 Datasheet HTML 7Page - STMicroelectronics AN2747 Datasheet HTML 8Page - STMicroelectronics AN2747 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
May 2008
Rev 1
1/44
AN2747
Application note
250 W HID metal halide electronic ballast
Introduction
This application note describes the two stages of electronic ballast for a 250 W HID metal
halide lamp. The ballast is composed of a boost converter (power factor controller PFC)
working in fixed OFF time and an inverter composed of a full bridge that drives the lamp at
low frequency square wave.
This design was realized thanks to the very large STMicroelectronics product portfolio. The
components include a PFC driver, half-bridge drivers, a microcontroller, an auxiliary power
supply, a voltage reference, logic parts, an amplifier, comparators, power devices as Power
MOSFETs, IGBTs, and fast diodes.
In the present note special attention has been given to the full bridge stage. The tests have
been conducted using a 250 W metal halide lamp HQI - T (OSRAM) and some design
criteria are given with test results. In the full bridge section all lamp phases have been
analyzed.
Figure 1.
STEVAL-ILH001V1
www.st.com


Similar Part No. - AN2747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN274 ETC2-AN274 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
ST7538Q power line FSK transceiver
30-Apr-2008
logo
List of Unclassifed Man...
AN2748 ETC-AN2748 Datasheet
883Kb / 40P
Genesi Pegasos II Kernel and NFS Facility
More results

Similar Description - AN2747

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
logo
STMicroelectronics
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
06-Oct-2011
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
04-Nov-2011
logo
alpha microelectronics ...
AMG-LM302 ALPHA-MICRO-AMG-LM302 Datasheet
754Kb / 23P
Ballast Controller for Metal Halide Lamps
logo
STMicroelectronics
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
This note describes digital ballast for 70 W HID lamps
09-Jan-2013
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
Ballast 70W Metal Halide
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
logo
JILIN SINO-MICROELECTRO...
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
logo
List of Unclassifed Man...
M3912CK-3EU ETC-M3912CK-3EU Datasheet
251Kb / 2P
Metal Halide Electronic Ballasts for 39 Watt Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com