Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 26Page - STMicroelectronics AN2747 Datasheet HTML 27Page - STMicroelectronics AN2747 Datasheet HTML 28Page - STMicroelectronics AN2747 Datasheet HTML 29Page - STMicroelectronics AN2747 Datasheet HTML 30Page - STMicroelectronics AN2747 Datasheet HTML 31Page - STMicroelectronics AN2747 Datasheet HTML 32Page - STMicroelectronics AN2747 Datasheet HTML 33Page - STMicroelectronics AN2747 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
74AC00 QUAD2-input NAND gates
AN2747
30/44
9
74AC00 QUAD2-input NAND gates
The 74AC00 is an advanced high-speed CMOS QUAD 2-INPUT NAND gate fabricated with
sub-micron silicon gate and double-layer metal wiring C2MOS technology. The internal
circuit is composed of 3 stages including buffer output, which enables high noise immunity
and stable output. All inputs and outputs are equipped with protection circuits against static
discharge, giving them 2 KV ESD immunity and transient excess voltage. Figure 30 shows
the device pinout.
Figure 30.
74AC00 pinout
The main characteristics are:
●
high speed: tPD = 4 ns (Typ.) at VCC = 5 V
●
low-power dissipation: ICC = 2 mA (max) at TA = 25 °C
●
high noise immunity: VNIH = VNIL = 28 % VCC (min.)
●
50 W transmission line driving capability
●
symmetrical output impedance: |IOH| = IOL = 24 mA (min.)
●
balanced propagation delays: tPLH at tPHL
●
operating voltage range: VCC (OPR) = 2 V to 6 V
●
pin and function compatible with 74 series 00
●
improved latch-up immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com