Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4440 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 9Page - STMicroelectronics AN4440 Datasheet HTML 10Page - STMicroelectronics AN4440 Datasheet HTML 11Page - STMicroelectronics AN4440 Datasheet HTML 12Page - STMicroelectronics AN4440 Datasheet HTML 13Page - STMicroelectronics AN4440 Datasheet HTML 14Page - STMicroelectronics AN4440 Datasheet HTML 15Page - STMicroelectronics AN4440 Datasheet HTML 16Page - STMicroelectronics AN4440 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DocID025913 Rev 1
13/36
AN4440
RFFE normal modes
36
3.2
Trigger mode
3.2.1
Purpose
When several PTICs are implemented in a mobile phone, it can be necessary to change all
or at least more than one DAC value simultaneously, for example, to re-match the antenna
when the band or use case changes. The basic mode updates the DAC value immediately
after each frame, thus DAC values are sequentially updated. The trigger mode provides a
solution for storing the DAC values without updating them and then updates simultaneously
all DAC outputs when the trigger occurs.
3.2.2
Methodology
1st step: trigger mode activation - trigger mask to 0 in register 28
2nd step: DAC values program: identical to basic mode but no change will occur on the
outputs. These values are stored in the shadow registers.
3rd step: trigger - set trigger bits to 1 in register 28 - Values are transferred from the
shadow registers to DAC. All selected DAC values are updated simultaneously.
Example 3
First step: activate trigger mode
Active trigger mask bits (in register 28): Reset bits D3, D4 and D5.
Figure 10. Active trigger mask bits register
Second step: program several DACs
Program DAC A for 15.6 V and DAC B for 13.2 V
DAC A corresponds to register 2, 15.6 V -> 96d = 01100000h
Figure 11. RFFE frame for 15.6 V on DAC A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com