Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4440 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 10Page - STMicroelectronics AN4440 Datasheet HTML 11Page - STMicroelectronics AN4440 Datasheet HTML 12Page - STMicroelectronics AN4440 Datasheet HTML 13Page - STMicroelectronics AN4440 Datasheet HTML 14Page - STMicroelectronics AN4440 Datasheet HTML 15Page - STMicroelectronics AN4440 Datasheet HTML 16Page - STMicroelectronics AN4440 Datasheet HTML 17Page - STMicroelectronics AN4440 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
RFFE normal modes
AN4440
14/36
DocID025913 Rev 1
DAC B corresponds to register 1, 13.2 V -> 88d = 01011000b
Figure 12. RFFE frame for 13.2 V on DAC B
Third step: trigger bits
Set trigger bits (in register 28): only one register to update for this operation then all DACs
will be updated simultaneously.
Figure 13. Set trigger bits register
Continue with trigger mode
To update DACs with other values, still with trigger mode, repeat : Second step: program
several DACs and : Third step: trigger bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com