Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4440 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 21Page - STMicroelectronics AN4440 Datasheet HTML 22Page - STMicroelectronics AN4440 Datasheet HTML 23Page - STMicroelectronics AN4440 Datasheet HTML 24Page - STMicroelectronics AN4440 Datasheet HTML 25Page - STMicroelectronics AN4440 Datasheet HTML 26Page - STMicroelectronics AN4440 Datasheet HTML 27Page - STMicroelectronics AN4440 Datasheet HTML 28Page - STMicroelectronics AN4440 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
DocID025913 Rev 1
25/36
AN4440
USID modification
36
Test new USID
•
Send a frame with new USID: Send 96d to register 1: New USID = 0001b,
register 1 = 00001b, date = 96d = 01100000b, parity 1 = 0, parity 2 = 1
Figure 35. Send data to DAC B with new USID
DAB value will be updated to 15.6 V
•
Send a frame with old USD: Try to send 56d to register 1: Old USID = 0111b,
register 1 = 00001b, date = 56d = 00011100b, parity 1 = 0, parity 2 = 0
Figure 36. Send data to DAC B with old USID
DAB B value will not be updated.
Test with AUT (automatic mode)
Set SELSID: if the SELSID pin is tied to Vcc: SELSID = 1 or if SELSID is to GND:
SELSID = 0
Set new USID
Click on program
Figure 37. USID modification with AUT (automatic mode)
HVDAC is reprogrammed with new USID.
Now each frame (programming DAC value, for example) is sent with this new USID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com