Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4440 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 15Page - STMicroelectronics AN4440 Datasheet HTML 16Page - STMicroelectronics AN4440 Datasheet HTML 17Page - STMicroelectronics AN4440 Datasheet HTML 18Page - STMicroelectronics AN4440 Datasheet HTML 19Page - STMicroelectronics AN4440 Datasheet HTML 20Page - STMicroelectronics AN4440 Datasheet HTML 21Page - STMicroelectronics AN4440 Datasheet HTML 22Page - STMicroelectronics AN4440 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
DocID025913 Rev 1
19/36
AN4440
RFFE extended mode
36
4
RFFE extended mode
4.1
Purpose
The extended mode allows updating simultaneously several registers (Ex: DAC A, B and C)
using a unique but longer frame than the standard one and is faster than using the trigger
mode.
4.2
Methodology
The frame is no longer the standard one as this methodology consists in defining the
quantity of consecutive registers to update, the first register address followed by each
register data.
Note:
Updated registers are consecutive. If a register which does not need an update is between
two registers that need a change, it is necessary to re-send its values.
4.3
Frame construction
The beginning of the frame has almost the same structure as other frames. Instead of the
write code, 3 x 0 bits indicates the use of the extended mode. Instead of the register
address, the byte count defines the quantity of registers that will be updated which
corresponds to the byte quantity after the start register.
Note:
Byte count starts from 0 so byte count = n means (n+1) registers updated.
Figure 21. Start of extended mode frame
This is followed by data values for each register:
Figure 22. First half of extended mode data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com