Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4440 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 28Page - STMicroelectronics AN4440 Datasheet HTML 29Page - STMicroelectronics AN4440 Datasheet HTML 30Page - STMicroelectronics AN4440 Datasheet HTML 31Page - STMicroelectronics AN4440 Datasheet HTML 32Page - STMicroelectronics AN4440 Datasheet HTML 33Page - STMicroelectronics AN4440 Datasheet HTML 34Page - STMicroelectronics AN4440 Datasheet HTML 35Page - STMicroelectronics AN4440 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
DocID025913 Rev 1
33/36
AN4440
USID modification
36
•
Send value 40d (00101000) for 4 V to HVDAC1
Figure 59. Send data to HVDAC1 with AUT
•
Send value 112d (00100000) for 20.4 V to HVDAC2
Figure 60. Send data to HVDAC2 with AUT
5.3
N HVDACs on the same RFFE bus
For more than 2 HVDACs (N) on the same RFFE bus, the recommendation is to connect
one HVDAC SELSID to GND and other ones to the MCU GPIOs (N-1).
This will allow reprogramming each HVDAC USID in order to transmit commands
independently to each.
For USID reprogramming, the task of the MCU is to set GPIO polarity in order to have a
unique couple "USID + SELSID" on the HVDAC in the USID reprogramming phase.
–
HVDAC with SELSID to GND reprogramming while all GPIOs are high level (it is
unique with SELSID = 0)
–
Set the next HVDAC SELSID to GND using GPIO (as the previous HVDAC USID
is no longer 0111, it is unique with USID = 0111 AND SELSID=0)
–
Repeat for all HVDACs (N-2 times)
–
Then each HVDAC has a unique USID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com