Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4440 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 27Page - STMicroelectronics AN4440 Datasheet HTML 28Page - STMicroelectronics AN4440 Datasheet HTML 29Page - STMicroelectronics AN4440 Datasheet HTML 30Page - STMicroelectronics AN4440 Datasheet HTML 31Page - STMicroelectronics AN4440 Datasheet HTML 32Page - STMicroelectronics AN4440 Datasheet HTML 33Page - STMicroelectronics AN4440 Datasheet HTML 34Page - STMicroelectronics AN4440 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
DocID025913 Rev 1
31/36
AN4440
USID modification
36
Tests
Send value 40d (00101000) for 4 V to HVDAC1, register 1, USID is now 0001
Figure 51. Send data to HVDAC1
Send value 112d (01110000) for 20.4 V to HVDAC2, register 1 USID is now 0010
Figure 52. Send data to HVDAC2
Tests with AUT (manual mode)
HVDAC1 USID programming
Register 29 programming
Figure 53. HVDAC1 USID modification with AUT - register 29
Register 30 programming
Figure 54. HVDAC1 USID modification with AUT - register 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com