Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6207
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 5Page - STMicroelectronics L6207 Datasheet HTML 6Page - STMicroelectronics L6207 Datasheet HTML 7Page - STMicroelectronics L6207 Datasheet HTML 8Page - STMicroelectronics L6207 Datasheet HTML 9Page - STMicroelectronics L6207 Datasheet HTML 10Page - STMicroelectronics L6207 Datasheet HTML 11Page - STMicroelectronics L6207 Datasheet HTML 12Page - STMicroelectronics L6207 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9/53
AN1762 APPLICATION NOTE
Figure 8. Two situations that must be avoided.
3.5 Sensing Resistors
Each motor winding current is flowing through the corresponding sensing resistor, causing a voltage drop that
can be used, by the logic (integrated in the L6207; an external logic can be used with L6205 and L6206), to
control the peak value of the load current. Two issues must be taken into account when choosing the RSENSE
value:
– The sensing resistor dissipates energy and provides dangerous negative voltages on the
SENSE pin
during the current recirculation. For this reason the resistance of this component should be kept low.
– The voltage drop across RSENSE is compared with a reference voltage (on Vref pin) by the internal com-
parator (L6207 only). The lower is the RSENSE value, the higher is the peak current error due to noise
on Vref pin and to the input offset of the current sense comparator: too small values of RSENSE must be
avoided.
A good compromise is calculating the sensing resistor value so that the voltage drop, corresponding to the peak
current in the load (Ipeak), is about 0.5 V: RSENSE = 0.5 V / Ipeak.
It should be clear that sensing resistor must absolutely be non-inductive type in order to avoid dangerous neg-
ative spikes on
SENSE pins. Wire-wounded resistors cannot be used here, while Metallic film resistors are rec-
ommended for their high peak current capability and low inductance. For the same reason the connections
between the
SENSE pins, C6, C7, VSA, VSB and GND pins (see Figure 7) must be taken as short as possible
(see also the
Layout Considerations section).
The average power dissipated by the sensing resistor is:
Fast Decay Recirculation: PR ≈ Irms
2 · RSENSE
Slow Decay Recirculation: PR ≈ Irms
2 · RSENSE · D,
D is the duty-cycle of the PWM current control, Irms is the r.m.s. value of the load current.
GND
GND
GND
GND
SENSEA
SENSEB
VSA
VSB
R5
C7
C6
L6205, L6206, L6207
DON’T connect the Logic GND here
Voltage drop due to current in sense
path can disturb logic GND.
DON’T put a diode here!
Recirculating current cannot flow into the
bulk capacitor and causes a high voltage
spike that can destroy the IC.
+
-
VS = 8 ÷ 52 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com