Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6207
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 15Page - STMicroelectronics L6207 Datasheet HTML 16Page - STMicroelectronics L6207 Datasheet HTML 17Page - STMicroelectronics L6207 Datasheet HTML 18Page - STMicroelectronics L6207 Datasheet HTML 19Page - STMicroelectronics L6207 Datasheet HTML 20Page - STMicroelectronics L6207 Datasheet HTML 21Page - STMicroelectronics L6207 Datasheet HTML 22Page - STMicroelectronics L6207 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
19/53
AN1762 APPLICATION NOTE
This sensed current is compared to an internally generated reference (adjustable through the external resistors
RCLA and RCLB for L6206) to detect an over current condition. An internal open drain mosfet turns on when the
sum of the currents in the bridges 1A and 2A or 1B and 2B reaches the threshold (5.6A typical value for L6205
and L6207; adjustable through the external resistors
RCLA and RCLB for L6206); in L6205 and L6207 the open
drain are internally connected to the
EN pins; with L6206 OCD pins should be connected to EN pins to allow the
protection working. To ensure an over current protection, connect these pins to an external RC network (see
Figure 19).
Figure 20 shows the device operating in overcurrent condition (short to ground). When an over current is de-
tected the internal open drain mosfet pull the
EN pin to GND switching off all 4 power DMOS of the interested
bridge and allowing the current to decay. Under a persistent over current condition, like a short to ground or a
short between two output pins, the external RC network on the
EN pin (see Figure 19) reduces the r.m.s. value
of the output current by imposing a fixed disable-time after each over current occurrence. The values of
REN
and
CEN are selected to ensure proper operation of the device under a short circuit condition. When the current
flowing through the high side DMOS reaches the OCD threshold (5.6 A typ. for L6205 and L6207, adjustable for
L6206), after an internal propagation delay (tOCD(ON)) the open drain starts discharging CEN. When the EN pin
voltage falls below the turn-off threshold (VTH(OFF)) all the Power DMOS turn off after the internal propagation
delay (tD(OFF)EN). The current begins to decay as it circulates through the freewheeling diodes. Since the DMOS
are
off, there is no current flowing through them and no current to sense so the OCD circuit, after a short delay
(tOCD(OFF)), switches the internal open drain device off, and REN can charge CEN. When the voltage at EN pin
reaches the turn-on threshold (VTH(ON)), after the tD(ON)EN delay, the DMOS turn on and the current restarts.
Even if the maximum output current can be very high, the external RC network provides a disable time (tDISABLE)
to ensure a safe r.m.s. value (see Figure 20).
Figure 20. Over Current Operation.
The maximum value reached by the current depends on its slew-rate, so on the short circuit nature and supply
voltage, and on the total intervention delay (tDELAY). It can be noticed that after the first current peak, the max-
imum value reached by the output current becomes lower, because the capacitor on
EN pins is discharged start-
ing from a lower voltage, resulting in a shorter tDELAY.
The following approximate relations estimate the disable time and the first OCD intervention delay after the short
circuit (worst case).
EN
Output Current
VTH(OFF)
tD(OFF)EN
ISOVER
tOCD(ON)
tDISABLE
tOCD(OFF)
tDELAY
tEN(FALL)
tEN(RISE)
VEN(LOW)
EN
Output Current
tDISABLE
VTH(ON)
tD(ON)EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com