Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6207
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 40Page - STMicroelectronics L6207 Datasheet HTML 41Page - STMicroelectronics L6207 Datasheet HTML 42Page - STMicroelectronics L6207 Datasheet HTML 43Page - STMicroelectronics L6207 Datasheet HTML 44Page - STMicroelectronics L6207 Datasheet HTML 45Page - STMicroelectronics L6207 Datasheet HTML 46Page - STMicroelectronics L6207 Datasheet HTML 47Page - STMicroelectronics L6207 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
AN1762 APPLICATION NOTE
44/53
5.4 EVAL6206PD
An evaluation board has been produced to help the evaluation of the device in PowerSO package. It implements
a typical application with several added components. Figure 48 shows the electrical schematic of the board; in
the table below the part list is reported.
CN1, CN2, CN3, CN4 2-poles connector
JP2 to JP5
2-pin jumper
CN5
34-poles connector
R1
750
0.6W resistor
C1
220nF/100V Ceramic or Polyester capacitor R2, R3, R26
10k
resistor
C2
220nF/100V Ceramic or Polyester capacitor R4, R5
4.7k
resistor
C3
100µF/63V capacitor
R6, R7
50k
trimmer
C4
10nF/100V Ceramic capacitor
R8, R9, R10, R11
0.4
1W resistor
C5, C8, C10
10µF/16V Capacitor
R12, R19
20k
resistor
C6, C7
100nF Capacitor
R13, R14, R17, R20
2.2k
resistor
C9, C13
68nF Capacitor
R15, R18
750
resistor
C11
100nF Capacitor
R16, R22
5k
trimmer
C12, C15
470pF Capacitor
R23, R21
1k
resistor
C14
2.2nF Capacitor
R24
12k
resistor
D1
Bat46SW Diodes
R25
50k
trimmer
D2
BZX79C5V1 5.1V Zener Diode
U1
L6205N
JP1
3-pin jumper
U2
L6506
The Evaluation Board provides external connectors for the supply voltage, an external 5V reference for the logic
inputs, four outputs for the motor and a 34-pin connector to control the main functions of the board through an
external µC board or the PractiSPIN tool. The board also accomodate the L6506 PWM current controller. R25
sets the PWM operating frequency. If the L6506 does not need to be used, simply connect the two VREF inputs
to a voltage high enough to keep current control inactive.
The PractiSPIN tool is composed of a graphic interface software running on a PC that connects with the hard-
ware based on the ST7 µC, which contains an upgradeable firmware. This tool allows a fast and easy evaluation
of the PowerSPIN family devices, giving the ability of driving DC, BLDC and Stepper motors, depending on the
target device. The PractiSPIN connected to the EVAL6206PD can drive DC motors and inductive loads, allow-
ing output voltage and current settings
The PC-software also provides a Power Dissipation and Thermal Analysis section, intended to help a fast eval-
uation of the device, package and dissipating copper area required by the user’s application, and to be a good
starting point designing an application (from the power dissipation and thermal point of view).
Running the evaluation board in stand-alone mode, instead, R16 and R22 set the reference voltage separately
for the two bridges, while R14, C9 and R20, C13 are low-pass filters to provide an external reference voltage
by a PWM output of a µC (see also the Microstepping section). Using external VREF inputs R12, R16, R19, R22
should be disconnected, unless the PractiSPIN ST7 evaluation board is used. This board, in fact, is provided
with an offset cancellation circuitry trimmable through a potentiometer (see PractiSPIN documentation).
Closing JP4 and JP5, R6 and R7 allow adjusting the Over Current Detection threshold separately for the two
full bridges. Leaving JP4 and JP5 opened, the OCD threshold can be programmed providing reference voltages
at the bottom of R6 and R7, through pins 27 and 29 of CN5. R13, R15, C8, R17, R18, C10 provide low-pass
filtering to obtain these reference voltages from an external PWM output of a µC.
Closing JP2 and JP3 allows Over Current Protection to work, connecting each
EN pin to the corresponding OCD
pin.
The 5V voltage for logic inputs and for references (VrefA and VrefB) is obtained from R1, D2. Depending on the
supply voltage, the value of resistor R1 should be changed in order to ensure a correct biasing of D2.
The jumper JP1 allows choosing the 5V voltage from the internal zener diode network or pin 11 of CN5 (for ex-
ample an external µC board can provide 5V to the evaluation board). Also CN2 connector can be used to pro-
vide an external 5V voltage to the board (in that case R1, D2 should be disconnected). CN2, or pin 1 of CN5,
can also be used to provide a 5V voltage to external circuits (as, for example, the PractiSPIN ST7 board). In this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com