Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6207
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 42Page - STMicroelectronics L6207 Datasheet HTML 43Page - STMicroelectronics L6207 Datasheet HTML 44Page - STMicroelectronics L6207 Datasheet HTML 45Page - STMicroelectronics L6207 Datasheet HTML 46Page - STMicroelectronics L6207 Datasheet HTML 47Page - STMicroelectronics L6207 Datasheet HTML 48Page - STMicroelectronics L6207 Datasheet HTML 49Page - STMicroelectronics L6207 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
AN1762 APPLICATION NOTE
46/53
Figure 48. EVAL6206PD Electrical schematic.
PullUp
PullUp
PullU p
PullU p
PullU p
PullUp
+5V
+5V
R15
R13
R18
R17
C8
C10
CN4
CN3
C12
C15
R23
R21
R11
R24
R25
R12
R14
R16
R20
R7
R6
C9
C13
C7
C6
JP3
JP2
CN 1
CN 2
C5
D2
R1
C2
C1
U2
In1
5
In2
6
In3
7
In4
8
Out1
16
Out2
15
Out3
14
Out4
13
EN
4
Vsense2
17
Vref 2
19
Vsense1
12
R/C
1
Vref 1
18
Sy nc
3
Osc_Out
2
C11
C14
R22
R19
R26
CN 5
JP1
2
D1
2
C4
R5
R3
R4
R2
R10
JP4
JP5
R8
C3
U1
GND
36
GND
1
SENSEA
12
VBOOT
30
GND
18
VSB
33
GND
19
PR OGCLA
9
VSA
4
VCP
7
PR OGCLB
28
OCD B
24
OCD A
13
SENSEB
25
R9
PR OGC LA
PROGC LB
SEN SE_B
SENSE_A
IN1
IN4
IN2
IN3
_2
_1
_3
_4
VR EF_A
VR EF_B
SEN SE_B
SEN SE_A
OCD B
_3
OC DA
_1
_2
_4
ENB
ENA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com