Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6207
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 26Page - STMicroelectronics L6207 Datasheet HTML 27Page - STMicroelectronics L6207 Datasheet HTML 28Page - STMicroelectronics L6207 Datasheet HTML 29Page - STMicroelectronics L6207 Datasheet HTML 30Page - STMicroelectronics L6207 Datasheet HTML 31Page - STMicroelectronics L6207 Datasheet HTML 32Page - STMicroelectronics L6207 Datasheet HTML 33Page - STMicroelectronics L6207 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
AN1762 APPLICATION NOTE
30/53
Figure 32. Power Dissipation formulae and results.
Result
PowerDMOS
Commutation
Time
Tcom =
9.60E-08
[s]
Vs / (250V/
µs)
Rise Time
Trise =
4.03E-04
[s]
Fall Time
Tfall =
3.16E-04
[s]
NORMAL Mode
HALF or WAVE
Mode
Duty Cycle
D =
6.25E-01
-
Vb / Vs
Sync. Slow Decay
Switching
Frequency
fSW =
2.50E+04
[Hz]
(1-D) / tOFF
Current Ripple
∆I = 2.85E-02 [A]
(Vs - Vb)*D / (Lm* fSW)
Period
T =
2.00E-03
[s]
2 / fCK
4 / fCK
2 / fCK
NORMAL Mode
HALF Mode
WAVE Mode
Load Time
Tload =
5.97E-04
[s]
T-Trise-Tfall
(3/4)T-rise
(T/2)-Trise
NORMAL Mode
HALF Mode
WAVE Mode
Average Cur-
rent during
Load Time
I =
9.86E-01
[A]
r.m.s. Current
during Load
Time
Irms =
9.86E-01
[A]
Rise Time
Dissipating
Energy
Erise =
1.50E-04
[J]
Fall Time
Dissipating
Energy
Efall =
3.62E-04
[J]
MORMAL Mode
HALF or WAVE
Mode
Load Time
Diss. Energy
Eload =
6.50E-05
[J]
2Ron · Irms2 · Tload
Sync. Slow Decay
Ipk Rm
2 Ipk Ron
Ipk Rs
Vs
+
⋅
–
⋅
⋅
–
⋅
–
()
Vs
---------------------------------------------------------------------------------------------------------------
Lm
Rm
Rs
2Ron
++
----------------------------------------------
⋅
ln
–
Vs
Ipk Rm
2
+
Ipk Ron
Ipk Rs
Vs
+
⋅
+
⋅⋅
⋅
()
-------------------------------------------------------------------------------------------------------------
Lm
Rm
2 Ron
Rs
+
⋅
+
()
-------------------------------------------------------
⋅
ln
–
Vs
2 Vd
⋅
–
()
Ipk Rm
Ipk Rs
Vs
2 Vd
⋅
–
+
⋅
+
⋅
()
-------------------------------------------------------------------------------------------
Lm
Rm
Rs
+
()
----------------------------
⋅
ln
–
Ipk
I
∆
2
-----
–
Ipk
Ipk
I
∆
–
()
I
2
∆
3
-------
+
⋅
2Ron Ipk
2
Trise
3
---------------
⋅⋅
2Ron Ipk
2
Tfall
3
-------------
⋅⋅
2V d Tfall
Vs
–
2Vd
⋅
+
()
Rm
Rs
+
()
--------------------------------------
m
Ipk Rm
Ipk Rs
V s
2 V d
⋅
–
+
⋅
+
⋅
()
1
T
– fal l
Lm
----------------
Rm
Rs
+
()
⋅
exp
–
Rm
Rs
+
()
2
---------------------------------------------------------------------------------
⋅⋅
+
⋅
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com