Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6207
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 35Page - STMicroelectronics L6207 Datasheet HTML 36Page - STMicroelectronics L6207 Datasheet HTML 37Page - STMicroelectronics L6207 Datasheet HTML 38Page - STMicroelectronics L6207 Datasheet HTML 39Page - STMicroelectronics L6207 Datasheet HTML 40Page - STMicroelectronics L6207 Datasheet HTML 41Page - STMicroelectronics L6207 Datasheet HTML 42Page - STMicroelectronics L6207 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
39/53
AN1762 APPLICATION NOTE
5.3 EVAL6206N
An evaluation board has been produced to help the evaluation of the device in PowerDIP package. It imple-
ments a typical application with several added components. Figure 43 shows the electrical schematic of the
board; in the table below the part list is reported.
CN1, CN2, CN3, CN4 2-poles connector
R1
100
resistor
CN5
34-poles connector
R2
700
0.6W resistor
C1
220nF/100V Ceramic or Polyester capacitor R3, R4, R16
10k
resistor
C2
220nF/100V Ceramic or Polyester capacitor R5, R6
4.7k
resistor
C3
100µF/63V capacitor
R7, R8
50k
trimmer
C4
10nF/100V Ceramic capacitor
R9, R10, R11, R12, R13, R14 1
0.4W resistor
C5, C8, C10
10µF/16V Capacitor
R15, R21
2.2k
resistor
C6, C7
47nF Capacitor
R17, R23
20k
resistor
C9, C13
68nF Capacitor
R18, R22
750
resistor
C11
100nF Capacitor
R19, R25
2.2k
resistor
C12, C14
470pF Capacitor
R20, R26
5k
trimmer
C15
2.2nF Capacitor
R27, R24
1k
resistor
D1, D2
1N4148 Diode
R28
12k
resistor
D3
BZX79C5V1 5.1V Zener Diode
R29
50k
trimmer
JP1
3-pin jumper
U1
L6205N
JP2 to JP7
2-pin jumper
U2
L6506
The Evaluation Board provides external connectors for the supply voltage, an external 5V reference for the logic
inputs, four outputs for the motor and a 34-pin connector to control the main functions of the board through an
external µC board or the PractiSPIN tool. The board also accomodate the L6506 PWM current controller. R29
sets the PWM operating frequency. If the L6506 does not need to be used, simply connect the two VREF inputs
to a voltage high enough to keep current control inactive.
The PractiSPIN tool is composed of a graphic interface software running on a PC that connects with the hard-
ware based on the ST7 µC, which contains an upgradeable firmware. This tool allows a fast and easy evaluation
of the PowerSPIN family devices, giving the ability of driving DC, BLDC and Stepper motors, depending on the
target device. The PractiSPIN connected to the EVAL6206N can drive DC motors and inductive loads, allowing
output voltage and current settings
The PC-software also provides a Power Dissipation and Thermal Analysis section, intended to help a fast eval-
uation of the device, package and dissipating copper area required by the user’s application, and to be a good
starting point designing an application (from the power dissipation and thermal point of view).
Running the evaluation board in stand-alone mode, instead, R20 and R26 set the reference voltage separately
for the two bridges, while R19, C9 and R25, C13 are low-pass filters to provide an external reference voltage
by a PWM output of a µC (see also the Microstepping section). Using external VREF inputs R17, R20, R23, R26
can be disconnected through JP6 and JP7, unless the PractiSPIN ST7 evaluation board is used. This board, in
fact, is provided with an offset cancellation circuitry trimmable through a potentiometer (see PractiSPIN docu-
mentation).
Closing JP4 and JP5, R7 and R8 allow adjusting the Over Current Detection threshold separately for the two
full bridges. Leaving JP4 and JP5 opened, the OCD threshold can be programmed providing reference voltages
at the bottom of R7 and R8, through pins 27 and 29 of CN5. R15, R18, C8, R21, R22, C10 provide low-pass
filtering to obtain these reference voltages from an external PWM output of a µC.
Closing JP2 and JP3 allows Over Current Protection to work, connecting each
EN pin to the corresponding OCD
pin.
The 5V voltage for logic inputs and for references (VrefA and VrefB) is obtained from R2, D3. Depending on the
supply voltage, the value of resistor R2 should be changed in order to ensure a correct biasing of D3.
The jumper JP1 allows choosing the 5V voltage from the internal zener diode network or pin 11 of CN5 (for ex-
ample an external µC board can provide 5V to the evaluation board). Also CN2 connector can be used to pro-
vide an external 5V voltage to the board (in that case R2, D3 should be disconnected). CN2, or pin 1 of CN5,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com