Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2603 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 7Page - STMicroelectronics AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics AN2603 Datasheet HTML 10Page - STMicroelectronics AN2603 Datasheet HTML 11Page - STMicroelectronics AN2603 Datasheet HTML 12Page - STMicroelectronics AN2603 Datasheet HTML 13Page - STMicroelectronics AN2603 Datasheet HTML 14Page - STMicroelectronics AN2603 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN2603
Selecting components for the application
Doc ID 13778 Rev 3
11/23
2.2
Output capacitor
The output capacitor is very important to satisfy the output voltage ripple requirement. Using
a small inductor value is useful to reduce the size of the coil, but this increases the current
ripple. Therefore, to reduce the output voltage ripple a low ESR capacitor is required. The
output voltage ripple (VOUT_RIPPLE), in continuous mode, is:
Equation 7
where
ΔI is the ripple current and F
SW is the switching frequency.
2.3
Inductor
The inductor value is very important because it fixes the ripple current flowing through
output capacitor. The ripple current is usually fixed at 20-40% of Iout_max, which is 0.4-0.8 A
with Iout_max = 2 A. The approximate inductor value is obtained using the following formula:
Equation 8
where TON is the ON time of the internal switch, given by D · T.
For example, with VOUT = 3.3 V, VIN = 5 V and ΔIOUT = 0.45 A, the inductor value is around
2.8 µH. The peak current thought the inductor is given by:
Equation 9
It can be observed that if the inductor value decreases, the peak current (which must be
lower than the current limit of the device) increases. So, for fixed peak current protection, a
higher value of the inductor permits a higher value for the output current.
V
OUT1RIPPLE
ΔIERS
1
8C
OUT
F
SW
⋅⋅
---------------------------------------
+
⎝⎠
⎛⎞
⋅
=
L
V
IN
V
OUT
–
ΔI
------------------------------ T
ON
⋅
=
I
PK
I
OUT
ΔI
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com