Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2603 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 13Page - STMicroelectronics AN2603 Datasheet HTML 14Page - STMicroelectronics AN2603 Datasheet HTML 15Page - STMicroelectronics AN2603 Datasheet HTML 16Page - STMicroelectronics AN2603 Datasheet HTML 17Page - STMicroelectronics AN2603 Datasheet HTML 18Page - STMicroelectronics AN2603 Datasheet HTML 19Page - STMicroelectronics AN2603 Datasheet HTML 20Page - STMicroelectronics AN2603 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN2603
Typical performance characteristics
Doc ID 13778 Rev 3
17/23
5
Typical performance characteristics
Figure 14.
Feedback voltage vs. temperature
Figure 15.
Output voltage vs. input voltage
Figure 16.
Over voltage protection vs. temperature
760
770
780
790
800
810
820
830
840
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
Vin=5V , Iout=10mA, L=3.3µH,
C1=4.7µF, C2=22µF, Vout=1.2V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
01
23
456
Vin [V]
ST1S09I
ST1S09
Vin = VInh= from 0 to 5.5V ,
Iout=2A ,L=3.3µH, C1=4.7µF,
C2=22µF, Vout=1.2V
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
0.86
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
OVP ON
OVP OFF
Vin=5V, C1=4.7µF,
C2=22µF, Vout=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com