Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2603 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 15Page - STMicroelectronics AN2603 Datasheet HTML 16Page - STMicroelectronics AN2603 Datasheet HTML 17Page - STMicroelectronics AN2603 Datasheet HTML 18Page - STMicroelectronics AN2603 Datasheet HTML 19Page - STMicroelectronics AN2603 Datasheet HTML 20Page - STMicroelectronics AN2603 Datasheet HTML 21Page - STMicroelectronics AN2603 Datasheet HTML 22Page - STMicroelectronics AN2603 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Bill of materials
AN2603
20/23
Doc ID 13778 Rev 3
6
Bill of materials
Table 2.
BOM with most common components
Name
Value
Material
Manufacturer
Part number
C1
4.7 µF
Ceramic
Murata
GRM21BR61E475KA12B
Ceramic
TDK
C3216X7R1C475K
C2
22 µF
Ceramic
Murata
GRM32ER61E226KE15B
Ceramic
TDK
C3225X7R1C226M
C3
Not mounted
D
Not mounted
L1
3.3 µH
TDK
RLF7030T-3R3M4R1
4.7 µH
CoilTronics
DR73-4R7
R3/R4
120 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com