Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2603 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics AN2603 Datasheet HTML 10Page - STMicroelectronics AN2603 Datasheet HTML 11Page - STMicroelectronics AN2603 Datasheet HTML 12Page - STMicroelectronics AN2603 Datasheet HTML 13Page - STMicroelectronics AN2603 Datasheet HTML 14Page - STMicroelectronics AN2603 Datasheet HTML 15Page - STMicroelectronics AN2603 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Thermal considerations
AN2603
12/23
Doc ID 13778 Rev 3
3
Thermal considerations
The dissipated power of the device is determined by three separate factors:
●
Switching losses due to the RDS(ON). These are equal to:
Equation 10
and
Equation 11
where D is the duty cycle of the application.
Note:
the duty cycle is theoretically given by the ratio between VOUT and VIN, but in practice it is
significantly higher than this value to compensate for the losses of the overall application.
For this reason, the switching losses related to the RDS(ON) increase compared to an ideal
case.
●
On and OFF switching losses. These are given by the following relation:
Equation 12
where TON and TOFF are the overlap times of the voltage across the power switch and the
current flowing into it during the turn on and turn off phases. TSW is the equivalent switching
time.
●
Quiescent current losses:
Equation 13
where IQ is the quiescent current.
Example: VIN = 5 V, VOUT = 3.3 V, IOUT = 1.5 A
The RDS(ON) has a typical value of 0.12 Ω @ 25 °C and increases up to a maximum value of
0.16
Ω @ 150 °C. Considering a value of 0.15 Ω, T
SW is approximately 20 ns and IQ has a
typical value of 1.5 mA @ VIN = 5 V. The overall losses are:
Equation 14
The junction temperature of the device will be:
Equation 15
where TA is the ambient temperature and RthJ-A is the junction to ambient thermal
resistance.
P
ON P
R
DSON P
I
2
OUT
D
⋅⋅
=
P
ON N
R
DSON N
I
2
OUT
1D
–
()
⋅⋅
=
P
SW
V
IN
I
OUT
T
ON
T
OFF
+
()
2
------------------------------------ F
SW
V
IN
I
OUT
T
SW
F
SW
⋅⋅
⋅
=
⋅⋅
⋅
=
P
Q
V
IN
I
Q
⋅
=
P
TOT
R
DSON P I
2
OUT DRDSON N I
2
OUT
1D
–
() V
IN
I
OUT
T
SW
F
SW
V
IN
I
Q
=
⋅
+
⋅⋅
⋅
+
⋅⋅
+
⋅⋅
=
0.15 1.5
2
0.73
0.12 1.5
2
10.73
–
() 51.5 20 10
9
–
1.5 10
6
51.5 10
3
–
0.552W
≅
⋅⋅
+
⋅⋅
⋅
⋅
⋅
+
⋅⋅
+
⋅⋅
=
T
J
T
A
Rth
JA
–
P
TOT
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com