Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2603 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 10Page - STMicroelectronics AN2603 Datasheet HTML 11Page - STMicroelectronics AN2603 Datasheet HTML 12Page - STMicroelectronics AN2603 Datasheet HTML 13Page - STMicroelectronics AN2603 Datasheet HTML 14Page - STMicroelectronics AN2603 Datasheet HTML 15Page - STMicroelectronics AN2603 Datasheet HTML 16Page - STMicroelectronics AN2603 Datasheet HTML 17Page - STMicroelectronics AN2603 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Recommendations on board usage
AN2603
14/23
Doc ID 13778 Rev 3
4
Recommendations on board usage
The board shown in Figure 9 is provided with kelvin connection, which means that two lines
are available for each pin, one used for supplying or sinking current and the other used to
perform the necessary measurements.
The ST1S09 Inhibit pin does not have an internal pull up, meaning that the Inhibit pin cannot
be left floating.
Figure 9.
ST1S09 board illustration
Figure 10.
Board layers
The board has two available Inhibit pins. One is located on the right side of the board and
allows a connection to GND or VIN, via a jumper, to turn the device OFF or ON. The other
Inhibit pin, located on the top left of the board, can be used to supply an external voltage
greater than 1.3 V to turn ON the device, or lower than 0.4 V to turn OFF the device.
Top layer
Bottom layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com