Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2603 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 14Page - STMicroelectronics AN2603 Datasheet HTML 15Page - STMicroelectronics AN2603 Datasheet HTML 16Page - STMicroelectronics AN2603 Datasheet HTML 17Page - STMicroelectronics AN2603 Datasheet HTML 18Page - STMicroelectronics AN2603 Datasheet HTML 19Page - STMicroelectronics AN2603 Datasheet HTML 20Page - STMicroelectronics AN2603 Datasheet HTML 21Page - STMicroelectronics AN2603 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Typical performance characteristics
AN2603
18/23
Doc ID 13778 Rev 3
Figure 17.
Inhibit voltage vs. temperature
Figure 18.
Efficiency vs. output current
Figure 19.
Efficiency vs. output voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
ON
OFF
Vin=5V ,Vinh from 0 to 2V, Iout=from 10mA to 2A,
L=3.3µH, Cin=4.7µF, Cout=22µF
25
35
45
55
65
75
85
95
0
500
1000
1500
2000
Iout [mA]
Vout=1.2V
Vout=2.5V
Vout=3.3V
Vin=5V , L=3.3µH, Cin=4.7µF,
Cout=22µF
50
55
60
65
70
75
80
85
90
95
100
0.51
1.52
2.53
3.54
Vout [V]
Iout=500mA
Iout=1A
Vin=5V , L=3.3µH,
Cin=4.7µF, Cout=22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com