Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2690 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 2Page - STMicroelectronics AN2690 Datasheet HTML 3Page - STMicroelectronics AN2690 Datasheet HTML 4Page - STMicroelectronics AN2690 Datasheet HTML 5Page - STMicroelectronics AN2690 Datasheet HTML 6Page - STMicroelectronics AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics AN2690 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Main characteristics and circuit description
AN2690
6/31
The L6563 has a similar protection on the RUN pin (#10) but in this schematic it is not used
because in this architecture it acts as slave, therefore the main controls are managed by the
flyback stage.
Output voltage feedback loop
The output regulation is done by means of two control loops, a voltage and a current one
working alternatively. A dedicated control IC, the TSM1014 (U5), has been used. It
integrates two operational amplifiers (used as error amplifiers) and a precise voltage
reference. The output signal of the error amplifiers drives an optocoupler SFH617A-4 (U3)
to get the required insulation of the secondary side and modulates the voltage on the COMP
pin (#9) of the L6566A.
L6566A current mode control and voltage feed-forward function
R52 and R53 sense the Q5 MOSFET current of the flyback and the signal is fed into pin #7
(CS), connected to the PWM comparator. This signal is thus compared with the COMP (pin
#9) signal, which is coming from the optocoupler.
The maximum power that the converter can deliver is set by a comparator limiting the peak
of the primary current, comparing the CS and an internal threshold (VCSX). If the current
signal exceeds the threshold, the comparator limits the MOSFET duty cycle, hence the
output power is limited too.
Because the maximum transferable power depends on both the primary peak current and
the input voltage, in order to keep almost constant the overload set point that would change
according to flyback input voltage, the controller implements a voltage feed-forward function
via a dedicated pin. Hence, VCSX is modulated by the voltage on pin #15 (VFF) sensing the
bulk voltage by a resistor divider. A higher voltage causes a smaller VCS,MAX so that the
maximum power can be kept almost constant at any input voltage.
The resistor R60 connected between pin #7 (CS) and pin #12 (MODE/SC) provides the
correct slope compensation to the current signal, required for the correct loop stability.
L6566A short-circuit protection
In case of a short, an internal comparator senses the COMP pin after the soft-start time. In
that condition the COMP pin goes high, activating an internal current source that restarts to
charge the soft-start capacitor from the initial 2 V level. If the voltage on this pin reaches 5 V,
the L6566A stops the operation and enters in "Hiccup mode". The device restarts with a
startup sequence when the Vcc voltage drops below the Vcc restart level (5 V). Because of
the long time needed by the Vcc capacitor to drop to 5 V, this results in an increase of the
duration of the no-load operation, thus decreasing the power dissipation and the stress of
power components. This sequence is repeated until the short is removed, subsequently the
normal operation of the converter is automatically resumed.
Another comparator having its threshold at 1.5 V dedicated to protecting the circuit in case
of transformer saturation or secondary diodes short is provided too. If the voltage on the CS
pin (#7) exceeds this threshold two consecutive times, the IC immediately shuts down and
latches off. This is intended to prevent spurious activation of the protection in case of
temporary disturbances, for example during the immunity tests. Even in this case the IC
operation is resumed as soon as the Vcc voltage drops below 5 V. In this way a hiccup mode
operation is still obtained, avoiding consequent failures due to the power components
overheating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com