Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2690 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 21Page - STMicroelectronics AN2690 Datasheet HTML 22Page - STMicroelectronics AN2690 Datasheet HTML 23Page - STMicroelectronics AN2690 Datasheet HTML 24Page - STMicroelectronics AN2690 Datasheet HTML 25Page - STMicroelectronics AN2690 Datasheet HTML 26Page - STMicroelectronics AN2690 Datasheet HTML 27Page - STMicroelectronics AN2690 Datasheet HTML 28Page - STMicroelectronics AN2690 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN2690
Bill of material (BOM)
25/31
R50
1K0
SFR25 axial stand. film res - 0.4 W - 5% - 250 ppm/°C
VISHAY
R51
1K0
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R52
0R56
SFR25 axial stand. film res - 0.4 W - 5% - 250 ppm/°C
VISHAY
R53
0R56
SFR25 axial stand. film res - 0.4 W - 5% - 250 ppm/°C
VISHAY
R54
47 k
Ω
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R55
22R
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R57
100R
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R58
M57703
THERMISTOR - B57703M103G
EPCOS
R59
12 k
Ω
SFR25 axial stand. film res - 0.4 W - 1% - 100 ppm/°C
VISHAY
R60
6K8
SFR25 axial stand. film res - 0.4 W - 5% - 250 ppm/°C
VISHAY
R62
100 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R63
100 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R64
150 k
Ω
SMD Standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R65
22 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R66
3R9
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R67
12 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R68
220 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R69
1K0
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R70
18 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R72
0R0
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R74
47 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R75
1K8
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R76
4K7
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R77
100 k
Ω
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R78
2K2
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
T1
SRW32EC-T01H114
Power transformer
TDK
U1
L6563
Transition-mode PFC controller
STMicroelectronics
U3
SFH617A-4
Optocoupler
INFINEON
U5
TSM1014AIST
Low-consumption CC/CV controller
STMicroelectronics
U6
L6566A
Multimode PWM controller
STMicroelectronics
Table 5.
EVL6566A-75WADP evaluation board: bill of material (continued)
Des.
Part type/part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com