Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2690 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 19Page - STMicroelectronics AN2690 Datasheet HTML 20Page - STMicroelectronics AN2690 Datasheet HTML 21Page - STMicroelectronics AN2690 Datasheet HTML 22Page - STMicroelectronics AN2690 Datasheet HTML 23Page - STMicroelectronics AN2690 Datasheet HTML 24Page - STMicroelectronics AN2690 Datasheet HTML 25Page - STMicroelectronics AN2690 Datasheet HTML 26Page - STMicroelectronics AN2690 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN2690
Bill of material (BOM)
23/31
C43
2N2
50 V CERCAP - general purpose
AVX
C44
1N
50 V CERCAP - general purpose
AVX
D1
1N4005
Rectifier - general purpose
VISHAY
D2
GBU4J
Single-phase bridge rectifier
VISHAY
D3
STTH2L06
Ultrafast high voltage rectifier
STMicroelectronics
D4
1.5KE250A
TRANSIL
STMicroelectronics
D5
STPS20H100CFP
High-voltage power Schottky rectifier
STMicroelectronics
D7
STPS20H100CFP
High-voltage power Schottky rectifier
STMicroelectronics
D8
STTH108A
High-voltage ultrafast rectifier
STMicroelectronics
D11
STTH102A
Fast-switching diode
STMicroelectronics
D12
LL4148
Fast-switching diode
VISHAY
D16
LL4148
Fast-switching diode
VISHAY
D17
BZV55-B18
Zener diode
PHILIPS
F1
FUSE 4 A
Fuse T4A - time delay
WICHMANN
HS1
HEAT-SINK
HS2
HEAT-SINK
HS3
HEAT-SINK
J1
MKDS 1,5/ 3-5,08
PCB term. block, screw conn., PITCH 5MM - 3 W.
PHOENIX
CONTACT
J2
MKDS 1,5/ 2-5,08
PCB term. block, screw conn., pitch 5MM - 2 W.
PHOENIX
CONTACT
L1
HF2422-203Y1R0-T01
Input EMI filter
TDK
L2
SRW25CQ-T05V102
PFC inductor
TDK
L3
TSL0706 - 1R5-4R3
1u5 - Radial inductor
TDK
Q2
STP9NK50ZFP
N-channel power MOSFET
STMicroelectronics
Q3
BC847C
NPN small signal BJT
ZETEX
Q5
STP10NK80ZFP
N-channel power MOSFET
STMicroelectronics
Q9
BC857C
PNP small signal BJT
ZETEX
Q10
BC847C
NPN small signal BJT
ZETEX
Q11
BC847C
NPN small signal BJT
ZETEX
R1
NTC 10R-S236
NTC RESISTOR P/N B57236S0100M000
EPCOS
R2
680 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R3
2M2
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R4
68 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R5
2M2
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
Table 5.
EVL6566A-75WADP evaluation board: bill of material (continued)
Des.
Part type/part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com