Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2690 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 10Page - STMicroelectronics AN2690 Datasheet HTML 11Page - STMicroelectronics AN2690 Datasheet HTML 12Page - STMicroelectronics AN2690 Datasheet HTML 13Page - STMicroelectronics AN2690 Datasheet HTML 14Page - STMicroelectronics AN2690 Datasheet HTML 15Page - STMicroelectronics AN2690 Datasheet HTML 16Page - STMicroelectronics AN2690 Datasheet HTML 17Page - STMicroelectronics AN2690 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Functional check
AN2690
14/31
Figure 12.
Frequency foldback circuit
Equation 1
Equation 2
Figure 13 and 14 show the input power consumption and the efficiency of the board working
at light-load conditions, for example when a power supply is powering a laptop during
power-saving operation.
As shown, the input power consumption is always very low and the efficiency remains
significantly high even at output power levels where normally the power supply’s efficiency
drops.
Q5
L6566A
OSC
13
R42
COMP
9
VREF
10
R74
R70
f
osc
210
3
⋅
R42
-----------------
≈
f
fold
back
–
210
3
1
R42
-----------
I
Q5
–
⎝⎠
⎛⎞
⋅
≈
Figure 13.
EVL6566A-75WADP o/p power vs.
input power at light load
Figure 14.
EVL6566A-75WADP light-load
efficiency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Pin [W]
230Vac-50Hz
115Vac-60Hz
45
50
55
60
65
70
75
80
85
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Pout [W]
230V-50Hz
115V-60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com