Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2690 Datasheet HTML 1Page - STMicroelectronics AN2690 Datasheet HTML 2Page - STMicroelectronics AN2690 Datasheet HTML 3Page - STMicroelectronics AN2690 Datasheet HTML 4Page - STMicroelectronics AN2690 Datasheet HTML 5Page - STMicroelectronics AN2690 Datasheet HTML 6Page - STMicroelectronics AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
June 2008
Rev 1
1/31
AN2690
Application note
19 V - 75 W adapter with pre-regulator PFC
using the L6563 and the L6566A
Introduction
This application note describes the characteristics and the features of a 75 W reference
board, wide-range input mains and power-factor corrected. Its electrical specification is
tailored on a typical high-end portable computer power adapter. The peculiarities of this
design are very low standby power consumption and excellent global efficiency.
Figure 1.
L6566A and L6563-75W adapter demonstration board (EVL6566A-
75WADP)
www.st.com


Similar Part No. - AN2690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2691 STMICROELECTRONICS-AN2691 Datasheet
131Kb / 10P
RPD is a dedicated timing pin for the return-from-power-down circuit
06-Mar-2008
AN2692 STMICROELECTRONICS-AN2692 Datasheet
215Kb / 29P
How to program/reprogram the ST10F269Zx Flash memory
06-Mar-2008
AN2695 STMICROELECTRONICS-AN2695 Datasheet
97Kb / 13P
Differences between the ST10F276Z5 and its emulator
06-Mar-2008
More results

Similar Description - AN2690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
This application note describes the characteristics and performance
28-Jan-2011
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
This application note describes the characteristics and the features
29-Nov-2010
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
This application note describes the characteristics and the features
13-Dec-2010
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3329 STMICROELECTRONICS-AN3329 Datasheet
1Mb / 47P
This application note describes the characteristics and features
25-Feb-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com