Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2690 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 6Page - STMicroelectronics AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics AN2690 Datasheet HTML 10Page - STMicroelectronics AN2690 Datasheet HTML 11Page - STMicroelectronics AN2690 Datasheet HTML 12Page - STMicroelectronics AN2690 Datasheet HTML 13Page - STMicroelectronics AN2690 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Test results
AN2690
10/31
Harmonic content measurement
The board has been tested according to the European rule EN61000-3-2 Class-D and
Japanese rule JEIDA-MITI Class-D, at both the nominal input voltage mains. As shown in
Figure 4 and 5 the circuit is able to reduce the harmonics well below the limits of both
regulations.
On the bottom of the diagrams the total harmonic distortion and power factor have been
measured too. The values in all conditions give a clear idea of the correct function of the
PFC even if it has implemented the tracking boost option.
Figure 4.
EVL6566A-75WADP compliance to
EN61000-3-2 standard at 230 Vac -
50 Hz, full load
Figure 5.
EVL6566A-75WADP compliance to
JEIDA-MITI standard at100 Vac -
50 Hz, full load
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 1113 1517 19 21 23 25 27 2931 333537 39
Harmonic Order [n]
Measured value
EN61000-3-2 Class-D limits
TDH=5.52% - PF=0.961
TDH=3.01% - PF=0.997
0.0001
0.001
0.01
0.1
1
Harmonic Order [n]
Measured value
JEIDA-MITI Class-D limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com