Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2782 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 2Page - STMicroelectronics AN2782 Datasheet HTML 3Page - STMicroelectronics AN2782 Datasheet HTML 4Page - STMicroelectronics AN2782 Datasheet HTML 5Page - STMicroelectronics AN2782 Datasheet HTML 6Page - STMicroelectronics AN2782 Datasheet HTML 7Page - STMicroelectronics AN2782 Datasheet HTML 8Page - STMicroelectronics AN2782 Datasheet HTML 9Page - STMicroelectronics AN2782 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
The circuit implementing the line-modulated fixed off-time with the new L6562A
AN2782
6/39
Doc ID 14763 Rev 2
3
The circuit implementing the line-modulated fixed
off-time with the new L6562A
The circuit that implements LM-FOT control with the L6562A is shown in Figure 6. During
the ON-time of the MOSFET the gate voltage VGD = 15 V is high, the diode D is forward-
biased and the voltage at the ZCD pin is internally clamped at VZCDclamp ≈ 5.7 V. During the
off-time of M VGD = 10 V is low, the diode D is reverse-biased and the voltage at the pin
decays with an exponential law until it reaches the triggering threshold (VZCDtrigger ≈ 0.7 V)
that causes the switch to turn on. The time needed for the ZCD voltage to go from VZCDclamp
to VZCDtrigger defines the duration of the off-time TOFF.
Figure 6.
Circuit implementing FOT control with the L6562A
The circuit of Figure 6 makes TOFF a function of the RMS line voltage thanks to the peak-
holding effect of T1 (which acts as a buffer) along with R and C whose time constant is
significantly longer than a line half-cycle. With the addition of R0 and T, as long as the
voltage on the ZCD pin during TOFF is above Vmult+VBE, C is discharged through R and R0,
following the law:
As V’ZCD(t) falls below Vmult+VBE, T1 is cut off and C is discharged through R only, so that
its evolution from that point on is described by:
V'ZCD(t) decreases from VZCDclamp = 5.7 V to Vmult+VBE in the following time period t':
(1)
(2)
(3)
()
()
()
BE
mult
0
C
RR
)
R
R
(
t
BE
mult
0
ZCDclamp
ZCD
V
V
R
R
R
e
V
V
R
R
R
V
)
t
(
V
0
0
+
⋅
+
+
⋅
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
+
−
=
′
⋅
+
⋅
−
()
C
R
t
BE
mult
0
ZCD
e
V
V
R
R
R
)
t
(
V
⋅
−
⋅
+
⋅
+
=
′′
(
)
() ⎥⎥⎦
⎤
⎢
⎢
⎣
⎡
⋅
+
−
+
⋅
⋅
+
⋅
⋅
+
⋅
−
=
′
R
V
V
)
R
R
(
V
R
V
V
ln
C
R
R
R
R
t
BE
mult
0
ZCDclamp
0
BE
mult
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com