Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2782 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 8Page - STMicroelectronics AN2782 Datasheet HTML 9Page - STMicroelectronics AN2782 Datasheet HTML 10Page - STMicroelectronics AN2782 Datasheet HTML 11Page - STMicroelectronics AN2782 Datasheet HTML 12Page - STMicroelectronics AN2782 Datasheet HTML 13Page - STMicroelectronics AN2782 Datasheet HTML 14Page - STMicroelectronics AN2782 Datasheet HTML 15Page - STMicroelectronics AN2782 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Designing a fixed off-time PFC
AN2782
12/39
Doc ID 14763 Rev 2
It is also possible to calculate the RMS current flowing into the switch and into the diode,
needed to calculate the losses of these two elements.
It is worth reminding that the accuracy of the approximate energetic relationships described
here is quite good at maximum load for low values of the parameter k, that is, at low line
voltage, but worsens at high line and as the power throughput is reduced. Since in the
design phase current stress is calculated at maximum load and minimum line voltage, their
accuracy is acceptable for design purposes.
4.3
Power section design
4.3.1
Bridge rectifier
The input rectifier bridge can use standard slow recovery, low-cost devices.Typically a
600 V device is selected in order to have good margin against mains surges. An NTC
resistor limiting the current at turn-on is required to avoid overstress to the diode bridge.
The rectifier bridge power dissipation can be calculated using equations (31), (32), (33). The
threshold voltage and dynamic resistance of a single diode of the bridge can be found in the
component datasheet.
The power dissipated on the bridge is:
●
Inductor peak
current:
(28)
●
RMS
switch
current:
(29)
●
RMS
diode
current:
(30)
max
PK
r
max
pk
I
k
3
8
8
IL
⋅
⋅
−
=
A
07
.
8
A
98
.
6
34
.
0
3
8
8
IL
max
pk
=
⋅
⋅
−
=
π
⋅
−
⋅
⋅
=
3
k
16
2
V
k
P
ISW
min
out
min
in
rms
A
22
.
4
3
318
.
0
16
2
V
400
318
.
0
W
400
ISW
rms
=
π
⋅
−
⋅
⋅
=
π
⋅
⋅
=
3
k
16
V
k
P
ID
min
out
min
in
rms
A
57
.
2
3
318
.
0
16
V
400
318
.
0
W
400
IDrms
=
π
⋅
⋅
⋅
=
(31)
(32)
A
53
.
3
2
A
99
.
4
2
2
I
2
I
in
inrms
=
⋅
=
⋅
=
A
25
.
2
A
99
.
4
2
I
2
I
in
avg
_
in
=
π
⋅
=
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com