Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2782 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 14Page - STMicroelectronics AN2782 Datasheet HTML 15Page - STMicroelectronics AN2782 Datasheet HTML 16Page - STMicroelectronics AN2782 Datasheet HTML 17Page - STMicroelectronics AN2782 Datasheet HTML 18Page - STMicroelectronics AN2782 Datasheet HTML 19Page - STMicroelectronics AN2782 Datasheet HTML 20Page - STMicroelectronics AN2782 Datasheet HTML 21Page - STMicroelectronics AN2782 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Designing a fixed off-time PFC
AN2782
18/39
Doc ID 14763 Rev 2
Figure 10.
Conduction losses and total losses in the two STP12NM50 MOSFETs for
the 400 W FOT PFC
Figure 10
shows the trend of the total losses (48) on the line voltage for the two selected
STP12NM50 MOSFETs.
4.3.6
Boost diode selection
Following a similar criterion as that for the MOSFET, the output rectifier can also be
selected. A minimum breakdown voltage of 1.2·(Vout +
ΔOVP) and a current rating higher
than 3·Iout (21) can be chosen for a rough initial selection of the rectifier. The correct choice
is then confirmed by the thermal calculation. If the diode junction temperature works within
125 °C the device has been selected correctly, otherwise a bigger device must be selected.
The switching losses can be significantly reduced if an ultra-fast diode is employed. Since
this circuit operates in the continuous current mode, the MOSFET has to recover the boost
diode minority carrier charge at turn-on. Thus, a diode with a small reverse recovery time,
trr, must be used.
In this 400 W application an STTH8R06, (600 V, 8 A) has been selected. The STTH8R06
offers the best solution for the continuous current mode operation due to its very fast reverse
recovery time, 25 ns typical. This part has a breakdown voltage rating (Vrrm) of 600 V,
average forward current rating (Ifave) of 8 A and reverse recovery time (trr) of 25 ns.
The rectifier AVG (21) and RMS (30) current values and the parameter Vth (rectifier
threshold voltage) and Rd (dynamic resistance) given in the datasheet allow calculating the
rectifier losses.
From the STTH8R06 datasheet, Vth is 1.16 V, Rd is 0.08 Ω, neglecting the recovery losses:
MOSFETS total losses
0
5
10
15
90
115
140
165
190
215
240
265
Vac (V)
Pcond(Vi)
Plosses(Vi)
(50)
rms
2
d
out
th
diode
ID
R
I
V
P
⋅
+
⋅
=
(
)
W
69
.
1
A
56
.
2
08
.
0
A
0
.
1
V
16
.
1
P
2
diode
=
⋅
Ω
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com