Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2782 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 23Page - STMicroelectronics AN2782 Datasheet HTML 24Page - STMicroelectronics AN2782 Datasheet HTML 25Page - STMicroelectronics AN2782 Datasheet HTML 26Page - STMicroelectronics AN2782 Datasheet HTML 27Page - STMicroelectronics AN2782 Datasheet HTML 28Page - STMicroelectronics AN2782 Datasheet HTML 29Page - STMicroelectronics AN2782 Datasheet HTML 30Page - STMicroelectronics AN2782 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
AN2782
Designing a fixed off-time PFC
Doc ID 14763 Rev 2
27/39
A commercial value of the limiting resistor of 1.8 k
Ω and a speed-up capacitor of 68 pF has
been selected for this application.
●
Pin 6 (GND): This pin acts as the current return both for the signal internal circuitry and
for the gate drive current. When laying out the printed circuit board, these two paths
should run separately.
●
Pin 7 (GD) is the output of the driver. The pin is able to drive an external MOSFET with
600 mA source and 800 mA sink capability. The high-level voltage of this pin is clamped
at about 12 V to avoid excessive gate voltages in case the pin is supplied with a high
Vcc. To avoid undesired switch-on of the external MOSFET because of some leakage
current when the supply of the L6562A is below the UVLO threshold, an internal pull-
down circuit holds the pin low. The circuit guarantees 1.1 V maximum on the pin (at
Isink = 2 mA), with Vcc > VCC_ON. This allows omitting the “bleeder” resistor
connected between the gate and the source of the external MOSFET used for this
purpose.
●
Pin 8 (Vcc) is the supply of the device. This pin is externally connected to the startup
circuit (usually, one resistor connected to the rectified mains) and to the self-supply
circuit. Whatever the configuration of the self-supply system, a capacitor is connected
between this pin and ground. To start the L6562A, the voltage must exceed the startup
threshold (12.5 V typ). Below this value the device does not work and consumes less
than 30 µA (typ) from Vcc. This allows the use of high value startup resistors (in the
hundreds k
Ω), which reduces power consumption and optimizes system efficiency at
low load, especially in wide-range mains applications. When operating, the current
consumption (of the device only, not considering the gate drive current) rises to a value
depending on the operating conditions but never exceeding 3.75 mA. The device keeps
on working as long as the supply voltage is over the UVLO threshold (10.5 V max). If
the Vcc voltage exceeds 25 V an internal Zener diode, 20 mA rated, is activated in
order to clamp the voltage. Please remember that during normal operation the internal
Zener does not have to clamp the voltage, in which case the power consumption of the
device increases considerably and its junction temperature also increases. The
suggested operating condition for safe operation of the device is below the minimum
clamping voltage of the pin.
(81)
pF
6
.
78
Cs
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com