Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2782 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 4Page - STMicroelectronics AN2782 Datasheet HTML 5Page - STMicroelectronics AN2782 Datasheet HTML 6Page - STMicroelectronics AN2782 Datasheet HTML 7Page - STMicroelectronics AN2782 Datasheet HTML 8Page - STMicroelectronics AN2782 Datasheet HTML 9Page - STMicroelectronics AN2782 Datasheet HTML 10Page - STMicroelectronics AN2782 Datasheet HTML 11Page - STMicroelectronics AN2782 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
The circuit implementing the line-modulated fixed off-time with the new L6562A
AN2782
8/39
Doc ID 14763 Rev 2
characteristics. Consequently, all of the properties of the standard FOT control are
maintained.
Due to the highly non-linear nature of the TOFF modulation introduced by T1 and R0, its
effects are discussed only qualitatively and the quantitative aspects are provided graphically
for a specific case in [7].
As a practical rule, it is convenient to first select a capacitor and then to calculate the resistor
needed to achieve the desired TOFF (see Section 4.3.7).
As the gate voltage VGD goes high, the resistor Rs charges the timing capacitor C as quickly
as possible up to VZCDclamp, without exceeding clamp rating (IZCDx =10 mA). Then it must
fulfill the following inequalities:
where VGD (assume VGD = 10 V) is the voltage delivered by the gate driver, VGDx = 15 V its
maximum value, and VF the forward drop on D.
When working at high line/light load the on-time of the power switch becomes very short and
the resistor Rs alone is no longer able to charge C up to VZCDclamp. The speed-up capacitor
Cs is then used in parallel to Rs. This capacitor causes an almost instantaneous charge of C
up to a level, after that Rs completes the charge up to VZCDclamp. It is important that the
steep edge caused by Cs does not reach the clamp level, otherwise the internal clamp of the
L6562A undergoes uncontrolled current spikes (limited only by the dynamic resistance of
the 1N4148 and the ESR of Cs) that could overstress the IC. Cs must then be:
(6)
(7)
ZCDclamp
F
ZCDclamp
GD
ZCDclamp
ZCDx
F
ZCDclamp
GDx
V
V
V
V
R
Rs
R
V
I
V
V
V
−
−
⋅
<
<
+
−
−
F
ZCDclamp
GDx
ZCDclamp
V
V
V
V
C
Cs
−
−
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com