Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2782 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2782 Datasheet HTML 1Page - STMicroelectronics AN2782 Datasheet HTML 2Page - STMicroelectronics AN2782 Datasheet HTML 3Page - STMicroelectronics AN2782 Datasheet HTML 4Page - STMicroelectronics AN2782 Datasheet HTML 5Page - STMicroelectronics AN2782 Datasheet HTML 6Page - STMicroelectronics AN2782 Datasheet HTML 7Page - STMicroelectronics AN2782 Datasheet HTML 8Page - STMicroelectronics AN2782 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
March 2010
Doc ID 14763 Rev 2
1/39
AN2782
Application note
Solution for designing a 400 W fixed-off-time controlled
PFC preregulator with the L6562A
Introduction
In addition to the transition mode (TM) and fixed-frequency continuous conduction mode
(FF-CCM) operation of PFC pre-regulators, a third approach is proposed that couples the
simplicity and affordability of TM operation with the high-current capability of FF-CCM
operation. This solution is a peak current-mode control with fixed off-time (FOT). Design
equations are given and a practical design for a 400 W board is illustrated and evaluated.
Two methods of controlling power factor corrector (PFC) pre-regulators based on boost
topology are currently in use: the fixed-frequency (FF) PWM and the transition mode (TM)
PWM (fixed on-time, variable frequency). The first method employs average current-mode
control, a relatively complex technique requiring sophisticated controller ICs (e.g. the
L4981A/B from STMicroelectronics) and a considerable component count. The second one
uses the simpler peak current-mode control, which is implemented with cheaper controller
ICs (e.g. the L6561, L6562, L6562A from STMicroelectronics), much fewer external parts
and is therefore much less expensive. In the first method the boost inductor works in
continuous conduction mode (CCM), while TM makes the inductor work on the boundary
between continuous and discontinuous mode, by definition. For a given power throughput,
TM operation involves higher peak currents as compared to FF-CCM (Figure 1 and 2).
This demonstration, consistent with the above mentioned cost considerations, suggests the
use of TM in a lower power range, while FF-CCM is recommended for higher power levels.
This criterion, though always true, is sometimes difficult to apply, especially for a midrange
power level, around 150-300 W. The assessment of which approach gives the better
cost/performance trade-off needs to be done on a case-by-case basis, considering the cost
and the stress of not only power semiconductors and magnetic but also of the EMI filter. At
the same power level, the switching frequency component to be filtered out in a TM system
is twice the line current, whereas it is typically 1/3 or 1/4 in a CCM system.
Figure 1.
Line, inductor, switch and diode
currents in FF-CCM PFC
Figure 2.
Line, inductor, switch and diode
currents in TM PFC
IL
IAC
ON
MOSFET
OFF
"CCM" type
IL
IAC
ON
MOSFET
OFF
"TM" type
www.st.com


Similar Part No. - AN2782

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN278 ETC2-AN278 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2783 STMICROELECTRONICS-AN2783 Datasheet
1Mb / 47P
PM8800 demonstration kit for standard and high power PoE
04-Sep-2008
AN2784 STMICROELECTRONICS-AN2784 Datasheet
290Kb / 31P
Using the high-density STM32F10xxx FSMC peripheral to drive external memories
07-Jun-2010
AN2785 STMICROELECTRONICS-AN2785 Datasheet
1Mb / 51P
L6393 half bridge gate driver
01-Dec-2009
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
More results

Similar Description - AN2782

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD1120 SHINDENGEN-MTD1120_10 Datasheet
182Kb / 2P
Constant Current Control Function (Fixed OFF Time
MTD1120F SHINDENGEN-MTD1120F_10 Datasheet
186Kb / 2P
Constant Current Control Function (Fixed OFF Time)
MTD1361 SHINDENGEN-MTD1361 Datasheet
179Kb / 2P
Constant Current Control Function (Fixed OFF Time)
MTD1361F SHINDENGEN-MTD1361F_10 Datasheet
185Kb / 2P
Constant Current Control Function (Fixed OFF Time)
logo
STMicroelectronics
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
Solution for designing a transition mode
17-Nov-2009
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
Solution for designing a fixed off-time controlled PFC pre-regulator
09-Feb-2011
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
Solution for designing a 400 W fixed-off-time controlled
09-Feb-2011
logo
Shindengen Electric Mfg...
MTD1361 SHINDENGEN-MTD1361_17 Datasheet
199Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1120 SHINDENGEN-MTD1120_17 Datasheet
196Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1361F SHINDENGEN-MTD1361F_17 Datasheet
205Kb / 4P
Constant Current Control Function (Fixed OFF Time)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com