| Electronic Components Datasheet Search |
|
UM0460 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0460 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 23 page ![]() January 2008 Rev 1 1/23 UM0460 User manual Set-top box front panel evaluation board based on the STLED316S Introduction This document explains the operation of the front panel evaluation board based on the STLED316S that consists of the LED driver/controller STLED316S and microcontroller ST7LITE39F2 as SPI master. The basic idea is to develop a front panel for set-top boxes which is very close to the available solutions on the market. The objective of this evaluation board is to display the capabilities of ST's LED controller/driver STLED316S to fit the market segment of front panels for HTiB (Home Theater in a Box), set-top boxes and other applications that require a compact, integrated solution, keeping the system cost as low as possible. The system can be operated using the various front panel keys provided on the system. In the sections that follow the operation of the system is explained. When the board is connected to the power supply, the system gets ready to perform any operation. At the time of manufacturing an additional board has been connected to allow in-circuit programming of the microcontroller. The two can be easily broken apart so that the front panel board can be used independently. To summarize, the key features of the evaluation board are: ■ 8-segment, 6-digit customized LED display ■ 8-segment bar graph LED display ■ 7 front panel keys ■ 2 LEDs (green for power and red for interrupt) ■ 1 potentiometer for adjusting the brightness of the display ■ 1 RESET switch to reset the whole system ■ DEMO mode for making the system self-performing and user independent ■ Embedded in-circuit programming capability www.st.com |
Similar Part No. - UM0460 |
|
Similar Description - UM0460 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |