Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0460 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 6Page - STMicroelectronics UM0460 Datasheet HTML 7Page - STMicroelectronics UM0460 Datasheet HTML 8Page - STMicroelectronics UM0460 Datasheet HTML 9Page - STMicroelectronics UM0460 Datasheet HTML 10Page - STMicroelectronics UM0460 Datasheet HTML 11Page - STMicroelectronics UM0460 Datasheet HTML 12Page - STMicroelectronics UM0460 Datasheet HTML 13Page - STMicroelectronics UM0460 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
System features
UM0460
10/23
2.3
Selection of display pattern
The system has been provided with the 4 different display pattern options. These display
patterns explain the capability of the device STLED316S to control the various digits and
segments independently.
The 4 display pattern options are:
●
constant display - constant BAR
●
variable display - constant BAR
●
constant display - variable bar
●
variable display - variable bar
Any of the display patterns can be selected using the 'MENU' and 'OK' keys of the front
panel (see Section 3.5 and 3.7).
2.4
DEMO mode
To make the system user independent a 'DEMO' mode has been provided. The system can
be put into the DEMO mode by pressing the 'DEMO' key of the front panel. In this mode all
the display patterns and the welcome message are displayed in continuous loop. The
system can be made to exit the DEMO mode by pressing the 'OK' key (see Section 3.6 and
3.7).
Note:
1
When the system is in DEMO mode, all other keys except 'OK' and 'RESET' are disabled.
2
On the press of any key (except RESET) of the front panel board, the IRQ LED (RED) blinks
once indicating that a key has been pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com