Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0460 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 13Page - STMicroelectronics UM0460 Datasheet HTML 14Page - STMicroelectronics UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics UM0460 Datasheet HTML 17Page - STMicroelectronics UM0460 Datasheet HTML 18Page - STMicroelectronics UM0460 Datasheet HTML 19Page - STMicroelectronics UM0460 Datasheet HTML 20Page - STMicroelectronics UM0460 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
UM0460
Using the front panel evaluation board
17/23
3.7.1
CHANNEL selection
If the previous key pressed is CH_UP or CH_DOWN, then on pressing the 'OK' key, the
displayed channel number on the LED display is selected in the system. The channel
number blinks three times indicating the selection of the channel number as shown in
Figure 7.
After selection of the channel number the system enters into the default display sequence.
Note:
1
'OK' must be pressed to select the channel number in the system.
2
After pressing the 'OK' key the channel number is stored in the system and on the next
power-up of the system, the same channel number is selected.
3.7.2
BRIGHTNESS selection
If the previous key pressed is 'BRGHT +' or 'BRGHT -' then on pressing the 'OK' key, the
displayed brightness level on the LED display is selected for the system.
After selection of the brightness level, the system enters into the default display sequence.
Note:
1
'OK' must be pressed to select the brightness level of the display of the system.
2
After pressing the 'OK' key, the brightness level of the display is stored in the system and on
the next power-up, the system wakes up with the same brightness level of the display.
3.7.3
Display MODE selection
If the previous key pressed is 'MENU' then on pressing the 'OK' key, the pattern on the LED
display is selected for the system. The system remains in the same display pattern until
some other pattern or brightness level is selected or the system is powered up again.
Note:
1
'OK' must be pressed to select the display pattern of the system.
2
On every power-up, the system wakes up with the default display pattern (constant display -
constant BAR) and with the last selected brightness level.
3.7.4
DEMO MODE selection
When the DEMO key is pressed, the system enters the DEMO mode. The system can exit
the DEMO mode only by pressing the 'OK' key.
On pressing the 'OK' key the system exits the DEMO mode and enters into the default
display sequence.
Note:
1
All keys except the 'OK' and 'RESET' key are disabled in the DEMO mode.
2
No action is performed if the 'OK" key is pressed when the system is in default display
sequence.
3.8
RESET
A 'RESET' switch is provided on the back side of the evaluation board. On pressing the
'RESET" switch all the ongoing functions are interrupted and the system starts from the
initial status. The system behaves as if it has been powered up again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com