Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0460 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics UM0460 Datasheet HTML 17Page - STMicroelectronics UM0460 Datasheet HTML 18Page - STMicroelectronics UM0460 Datasheet HTML 19Page - STMicroelectronics UM0460 Datasheet HTML 20Page - STMicroelectronics UM0460 Datasheet HTML 21Page - STMicroelectronics UM0460 Datasheet HTML 22Page - STMicroelectronics UM0460 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
UM0460
Bill of materials
21/23
J1
1
Signal and power
headers
SIP-8 (berg strip)
Local
J3
1
ICC connector
Header 5x2/
IDC-10B
Farnell
1106782
R3, R4, R5,
R7
4
Resistor–10 k
Ω
0805
Any
R1. R2
2
Resistor–330
Ω
0805
Any
R6
1
Resistor-2.2 k
Ω
0805
Any
R9
1
Resistor– 470
Ω
0805
Any
R8
1
Resistor
potentiometer 0 –
10 k
Ω
3296W-1-
203LF
Through-hole
PCB mount
Bourns /
Farnell
935 - 3240
C1,C3,C6
3
Capacitor-100 nF
0805
Any
C5
1
Capacitor-10 nF
0805
Any
C7
1
Capacitor-33 µF/
25 V (Cylindrical)
Cylindrical
Any
C2
1
Capacitor-10 µF/
16 V
Tantalum
Any
C4
1
Capacitor-330 nF
0805
Any
Table 2.
BOM (continued)
Designator Qty
Reference
Value /
generic part
number
Package
Manufacturer/
supplier
Manufacturer’s
/supplier’s
ordering code /
orderable part
number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com