Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0460 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 9Page - STMicroelectronics UM0460 Datasheet HTML 10Page - STMicroelectronics UM0460 Datasheet HTML 11Page - STMicroelectronics UM0460 Datasheet HTML 12Page - STMicroelectronics UM0460 Datasheet HTML 13Page - STMicroelectronics UM0460 Datasheet HTML 14Page - STMicroelectronics UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics UM0460 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
UM0460
Using the front panel evaluation board
13/23
Figure 10.
Brightness roll over
Note:
1
By default the brightness level is set at the maximum level (14/16). The STLED316S device
supports 8 levels of brightness - 1/16, 2/16, 4/16, 10/16, 11/16, 12/16, 13/16, and 14/16.
2
To set the brightness of the system at any particular level the user should press the 'OK' key
when that level is shown on the LED display. If 'OK' is not pressed and any other key is
pressed, then the brightness level of the LED display does not change.
3.4
BRGHT-
On pressing the BRGHT- key, the brightness of the LED display reaches the next decreased
level. The value of the brightness level appears on the LED display.
For example if the previous level of brightness of the LED display was 11 - 16, then upon
pressing the BRGHT - key, the brightness of the LED display decreases and 10 - 16
appears indicating the present brightness value of the LED display, as shown in Figure 11.
Figure 11.
BRGHT - key press
On every press of the BRGHT- key, the brightness level of the LED display decreases until it
reaches the minimum value of 01 - 16. If the BRGHT- key is pressed again, then the
brightness of the LED display rolls over and reaches the maximum value of 14 - 16.
Note:
1
By default the brightness level is set at the maximum level (14/16). The STLED316S device
supports 8 levels of brightness - 1/16, 2/16, 4/16, 10/16, 11/16, 12/16, 13/16, and 14/16.
2
To set the brightness of the system at any particular level, the user should press the 'OK' key
when that level is shown on the LED display. If 'OK' is not pressed and any other key is
pressed, then the brightness level of the LED display does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com